Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT2DG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DG4
Description  High-Speed Differential Line Drivers and Receivers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDT2DG4 Datasheet HTML 4Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 5Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 6Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 7Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 8Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 9Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 10Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 11Page - Texas Instruments SN65LVDT2DG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TA − Free-Air Temperature − °C
2.6
2.5
2.4
2.7
2.65
2.55
2.45
−20
0
40
−40
20
60
80
2.75
VCC = 3 V
VCC = 2.4 V
2.8
VCC = 3.6 V
VCC = 2.7 V
2.85
2.9
VCC = 3.3 V
TA − Free-Air Temperature − °C
2.6
2.4
2.2
2.8
2.7
2.5
2.3
−20
0
40
−40
20
60
80
100
2.9
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.6 V
3
VCC = 3.3 V
VCC = 3 V
IOH − High-Level Output Current − mA
3
2.5
2
1.5
1
0.5
−40
−50
−30
−60
−20
0
−70
4
3.5
0
−10
VCC = 2.7 V
VCC = 3.3 V
3
2.5
2
1.5
1
0.5
30
20
40
10
50
70
0
4
3.5
0
IOL − Low-Level Output Current − mA
60
VCC = 2.7 V
VCC = 3.3 V
TA − Free-Air Temperature − °C
1.4
1.2
1
1.6
1.5
1.3
1.1
−20
0
40
−40
20
60
80
100
1.7
1.8
1.9
VCC = 3.3 V
VCC = 3 V
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.6 V
1.8
1.4
1
2.2
2
1.6
1.2
−20
0
40
−40
20
60
80
100
2.4
VCC = 3 V
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.6 V
2.6
TA − Free-Air Temperature − °C
SN65LVDS1, SN65LVDS2, SN65LVDT2
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
www.ti.com
7.9 Typical Characteristics
Figure 1. Driver High-to-Low Level Propagation Delay Times
Figure 2. Driver Low-to-High Level Propagation Delay Times
vs Free-Air Temperature
vs Free-Air Temperature
Figure 3. Receiver High-Level Output Voltage vs High-Level
Figure 4. Receiver Low-Level Output Voltage vs Low-Level
Output Current
Output Current
Figure 6. Receiver Low-to-High Level Propagation Delay
Figure 5. Receiver High-to-Low Level Propagation Delay
Times vs Free-Air Temperature
Times vs Free-Air Temperature
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2


Similar Part No. - SN65LVDT2DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT2DG4 TI-SN65LVDT2DG4 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDT2DG4 TI-SN65LVDT2DG4 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDT2DG4 TI-SN65LVDT2DG4 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDT2DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com