Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA01012DCUR Datasheet(PDF) 7 Page - Texas Instruments

Part # HPA01012DCUR
Description  Dual Buffer and Driver With 3-State Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01012DCUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button HPA01012DCUR Datasheet HTML 3Page - Texas Instruments HPA01012DCUR Datasheet HTML 4Page - Texas Instruments HPA01012DCUR Datasheet HTML 5Page - Texas Instruments HPA01012DCUR Datasheet HTML 6Page - Texas Instruments HPA01012DCUR Datasheet HTML 7Page - Texas Instruments HPA01012DCUR Datasheet HTML 8Page - Texas Instruments HPA01012DCUR Datasheet HTML 9Page - Texas Instruments HPA01012DCUR Datasheet HTML 10Page - Texas Instruments HPA01012DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
Supply Voltage [V
CC] (V)
Typ. Char.
C001
SN74LVC2G241
www.ti.com
SCES210O – APRIL 1999 – REVISED DECEMBER 2015
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
VCC = 1.8 V
19
VCC = 2.5 V
19
Outputs enabled
pF
VCC = 3.3 V
20
Power dissipation
VCC = 5 V
22
Cpd
capacitance
f = 10 MHz
VCC = 1.8 V
2
per buffer/driver
VCC = 2.5 V
2
Outputs disabled
pF
VCC = 3.3 V
2
VCC = 5 V
3
6.9 Typical Characteristic
Figure 1. tpd vs Vcc Over Full Temperature Range
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC2G241


Similar Part No. - HPA01012DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01011DRZR TI1-HPA01011DRZR Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - HPA01012DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G241 TI1-SN74LVC2G241_15 Datasheet
925Kb / 22P
[Old version datasheet]   Dual Buffer and Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241 Datasheet
266Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com