Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC184DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC184DR
Description  Differential Transceiver With Transient Voltage Suppression
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC184DR Datasheet(HTML) 3 Page - Texas Instruments

  SN65LBC184DR Datasheet HTML 1Page - Texas Instruments SN65LBC184DR Datasheet HTML 2Page - Texas Instruments SN65LBC184DR Datasheet HTML 3Page - Texas Instruments SN65LBC184DR Datasheet HTML 4Page - Texas Instruments SN65LBC184DR Datasheet HTML 5Page - Texas Instruments SN65LBC184DR Datasheet HTML 6Page - Texas Instruments SN65LBC184DR Datasheet HTML 7Page - Texas Instruments SN65LBC184DR Datasheet HTML 8Page - Texas Instruments SN65LBC184DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SN65LBC184, SN75LBC184
www.ti.com
SLLS236I – OCTOBER 1996 – REVISED JUNE 2015
5 Pin Configuration and Functions
D Package, P Package
8-Pin SOIC, 8-Pin PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A
6
Bus input/output
Driver output or receiver input (complementary to B)
B
7
Bus input/output
Driver output or receiver input (complementary to A)
D
4
Digital input
Driver data input
DE
3
Digital input
Active-HIGH driver enable
GND
5
Reference potential
Local device ground
R
1
Digital output
Receiver data output
RE
2
Digital input
Active-LOW receiver enable
VCC
8
Supply
4.75-V to 5.25-V supply
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
7
V
Continuous voltage range at any bus terminal
–15
15
V
Data input/output voltage
–0.3
7
V
IO
Receiver output current
–20
20
mA
Continuous total power dissipation(3)
Internally Limited
Tstg
Storage temperature
160
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential input/output bus voltage, are with respect to network ground terminal.
(3)
The driver shuts down at a junction temperature of approximately 160°C. To operate below this temperature, see the Dissipation
Ratings.
6.2 ESD Ratings
VALUE
UNIT
A, B, GND
±15000
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
All pins
±3000
Contact discharge (IEC61000-4-2)
A, B, GND(2)
±30000
Electrostatic
V(ESD)
V
discharge
Air discharge (IEC61000-4-2)
A, B, GND(3)
±15000
All pins (Class 3A)
±8000
All pins (Class 3B)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
GND and bus pin ESD protection is beyond readily available test equipment capabilities for IEC 61000-4-2, EIA/JEDEC test method
A114-A and MIL-STD-883C method 3015. Ratings listed are limits of test equipment; device performance exceeds these limits.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65LBC184 SN75LBC184


Similar Part No. - SN65LBC184DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184DR TI-SN65LBC184DR Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DR TI-SN65LBC184DR Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184DRG4 TI-SN65LBC184DRG4 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
SN65LBC184DRG4 TI-SN65LBC184DRG4 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
More results

Similar Description - SN65LBC184DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184_07 Datasheet
506Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN65LBC184DR UMW-SN65LBC184DR Datasheet
370Kb / 16P
   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Texas Instruments
SN65LBC184 TI-SN65LBC184 Datasheet
355Kb / 21P
[Old version datasheet]   DIFFERENTIAL TRANSCEIVER WITH TRANSIENT VOLTAGE SUPPRESSION
logo
Guangdong Youtai Semico...
SN75LBC184DR UMW-SN75LBC184DR Datasheet
370Kb / 13P
   DIFFERENTIAL TRANSCEIVER WITH TRANSENT VOLTAGE SUPPRESSION
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
TPSMA6L LITTELFUSE-TPSMA6L Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
SMBJ10A-E3 LITTELFUSE-SMBJ10A-E3 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
AK6-058C LUGUANG-AK6-058C Datasheet
678Kb / 2P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com