Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC08APW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC08APW
Description  Quadruple 2-Input Positive-AND Gates
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08APW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC08APW Datasheet HTML 1Page - Texas Instruments SN74LVC08APW Datasheet HTML 2Page - Texas Instruments SN74LVC08APW Datasheet HTML 3Page - Texas Instruments SN74LVC08APW Datasheet HTML 4Page - Texas Instruments SN74LVC08APW Datasheet HTML 5Page - Texas Instruments SN74LVC08APW Datasheet HTML 6Page - Texas Instruments SN74LVC08APW Datasheet HTML 7Page - Texas Instruments SN74LVC08APW Datasheet HTML 8Page - Texas Instruments SN74LVC08APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
A
B
Y
Y + A • B or Y + A ) B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LVC08A, SN74LVC08A
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
SN74LVC08A Quadruple 2-Input Positive-AND Gates
1 Features
2 Applications
1
Operate From 1.65 V to 3.6 V
Servers
Specified From –40°C to 85°C, –40°C to 125°C,
LED Displays
and –55°C to 125°C
Network Switches
Inputs Accept Voltages to 5.5 V
I/O expanders
Max tpd of 4.1 ns at 3.3 V
Base station processor board
Typical VOLP (Output Ground Bounce)
3 Description
<0.8 V at VCC = 3.3 V, TA = 25°C
The SN54LVC08A quadruple 2-input positive-AND
Typical VOHV (Output VOH Undershoot)
gate is designed for 2.7-V to 3.6-V VCC operation, and
>2 V at VCC = 3.3 V, TA = 25°C
the SN74LVC08A quadruple 2-input positive-AND
Ioff Support Live Insertion, Partial-Power-Down
gate is designed for 1.65-V to 3.6-V VCC operation.
Mode and Back-Drive Protection
The LVC08A devices perform the Boolean function
Latch-Up Performance Exceeds 250 mA
in positive logic.
Per JESD 17
ESD Protection Exceeds JESD 22
Inputs can be driven from either 3.3-V or 5-V devices.
This feature allows the use of these devices as
2000-V Human-Body Model (A114-A)
translators in a mixed 3.3-V/5-V system environment.
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
CFP (14)
9.21 mm × 5.97 mm
Noted. On All Other Products, Production
SNJ54LVC08A
CDIP (14)
19.56 mm × 6.92 mm
Processing Does Not Necessarily Include
LCCC (20)
8.89 mm × 8.89 mm
Testing of All Parameters.
VQFN (14)
3.50 mm × 3.50 mm
TSSOP (14)
5.00 mm × 4.40 mm
SN74LVC08A
SOP (14)
10.30 mm × 5.30 mm
SOIC (14)
8.65 mm × 3.91 mm
SSOP (14)
6.20 mm × 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram, Each Gate
(Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC08APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08APW TI-SN74LVC08APW Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APW TI-SN74LVC08APW Datasheet
792Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APW TI-SN74LVC08APW Datasheet
899Kb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APW TI1-SN74LVC08APW Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
SN74LVC08APWE4 TI-SN74LVC08APWE4 Datasheet
792Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LVC08APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com