Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3130-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF3130-Q1
Description  15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3130-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3130-Q1 Datasheet HTML 7Page - Texas Instruments REF3130-Q1 Datasheet HTML 8Page - Texas Instruments REF3130-Q1 Datasheet HTML 9Page - Texas Instruments REF3130-Q1 Datasheet HTML 10Page - Texas Instruments REF3130-Q1 Datasheet HTML 11Page - Texas Instruments REF3130-Q1 Datasheet HTML 12Page - Texas Instruments REF3130-Q1 Datasheet HTML 13Page - Texas Instruments REF3130-Q1 Datasheet HTML 14Page - Texas Instruments REF3130-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
400ms/div
6
OUTMAX
OUTMIN
OUT
V
V
Drift
x 10 (ppm)
V
x Temperature Range
æ
ö
-
= ç
÷
è
ø
V
=
HYST
x 10 (ppm)
6
abs|V
V
|
PRE
POST
-
V
NOM
11
REF3112-Q1, REF3120-Q1, REF3125-Q1
REF3130-Q1, REF3133-Q1, REF3140-Q1
www.ti.com
SBVS299 – APRIL 2017
Product Folder Links: REF3112-Q1 REF3120-Q1 REF3125-Q1 REF3130-Q1 REF3133-Q1 REF3140-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Supply voltages below the specified levels can cause the REF31xx-Q1 to momentarily draw currents greater
than the typical quiescent current. This can be prevented by using a power supply with a fast rising edge and low
output impedance.
8.3.2 Thermal Hysteresis
Thermal hysteresis for the REF31xx-Q1 is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C. It can be expressed as:
Where:
VHYST = Thermal hysteresis.
VPRE = Output voltage measured at 25°C pretemperature cycling.
VPOST = Output voltage measured after the device has been cycled through the specified temperature
range of –40°C to +125°C and returned to 25°C.
(1)
8.3.3 Temperature Drift
The REF31xx-Q1 is designed to exhibit minimal drift error, defined as the change in output voltage over varying
temperature. The drift is calculated using the box method, which is described in Equation 2:
(2)
The REF31xx-Q1 features a typical drift coefficient of 5 ppm from 0°C to 70°C, the primary temperature range for
many applications. For the industrial temperature range of –40°C to +125°C, the REF31xx-Q1 family drift
increases to a typical value of 10 ppm.
8.3.4 Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise can be seen in Figure 21. The noise voltage of the REF31xx-Q1 increases
with output voltage and operating temperature. Additional filtering may be used to improve output noise levels,
although take care to ensure the output impedance does not degrade the AC performance.
Figure 21. 0.1-Hz to 10-Hz Noise


Similar Part No. - REF3130-Q1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3130 BURR-BROWN-REF3130 Datasheet
250Kb / 11P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3130 BURR-BROWN-REF3130 Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3130AIDBZR BURR-BROWN-REF3130AIDBZR Datasheet
250Kb / 11P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3130AIDBZR BURR-BROWN-REF3130AIDBZR Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3130AIDBZRG4 BURR-BROWN-REF3130AIDBZRG4 Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
More results

Similar Description - REF3130-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
[Old version datasheet]   SOT-23 Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
REF3312 TI1-REF3312_16 Datasheet
1Mb / 35P
[Old version datasheet]   SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com