Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8501PB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8501PB
Description  11.3-Gbps Rate-Selectable Limiting Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8501PB Datasheet(HTML) 3 Page - Texas Instruments

  ONET8501PB Datasheet HTML 1Page - Texas Instruments ONET8501PB Datasheet HTML 2Page - Texas Instruments ONET8501PB Datasheet HTML 3Page - Texas Instruments ONET8501PB Datasheet HTML 4Page - Texas Instruments ONET8501PB Datasheet HTML 5Page - Texas Instruments ONET8501PB Datasheet HTML 6Page - Texas Instruments ONET8501PB Datasheet HTML 7Page - Texas Instruments ONET8501PB Datasheet HTML 8Page - Texas Instruments ONET8501PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Not to scale
Exposed Pad
1
GND
12
VCC
2
DIN+
11
DOUT+
3
DIN–
10
DOUT–
4
GND
9
VCC
3
ONET8501PB
www.ti.com
SLLS910A – JULY 2008 – REVISED JUNE 2016
Product Folder Links: ONET8501PB
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Description (continued)
The ONET8501PB provides a gain of about 34 dB which ensures a fully differential output swing for input signals
as low as 20 mVpp. The output amplitude can be adjusted to 350 mVpp, 650 mVpp, or 850 mVpp. To compensate
for frequency-dependent loss of microstrips or striplines connected to the output of the device, programmable
preemphasis is included in the output stage. A settable loss of signal detection and output disable are also
provided.
The device, available in RoHS compliant small footprint 3-mm × 3-mm, 16-pin VQFN package, typically
dissipates less than 170 mW and is characterized for operation from –40°C to 100°C.
6 Pin Configuration and Functions
RGT Package
16-Pin VQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
COC1
5
Analog
Offset cancellation filter capacitor plus terminal. An external capacitor can be connected
between this pin and COC2 to reduce the low frequency cutoff. To disable the offset
cancellation loop, connect COC1 and COC2 together.
COC2
6
Analog
Offset cancellation filter capacitor minus terminal. An external capacitor can be connected
between this pin and COC1 to reduce the low frequency cutoff. To disable the offset
cancellation loop, connect COC1 and COC2 together.
DIN+
2
Analog-input
Noninverted data input. Differentially 100
Ω terminated to DIN–.
DIN–
3
Analog-input
Inverted data input. Differentially 100
Ω terminated to DIN+.
DIS
7
Digital-input
Disables the output stage when set to a high level.
DOUT–
10
CML-out
Inverted data output. On-chip 50
Ω back-terminated to VCC.
DOUT+
11
CML-out
Noninverted data output. On-chip 50
Ω back-terminated to VCC.
GND
1,4, EP
Supply
Circuit ground. Exposed die pad (EP) must be grounded.
LOS
8
Open-drain MOS
High level indicates that the input signal amplitude is below the programmed threshold level.
Open-drain output. Requires an external 10-k
Ω pullup resistor to VCC for proper operation.
RATE1
13
Digital-input
Bandwidth selection for noise suppression.
RATE0
14
Digital-input
Bandwidth selection for noise suppression.
SCK
15
Digital-input
Serial interface clock input. Connect a pullup resistor (10 k
Ω typical) to VCC.
SDA
16
Digital-input
Serial interface data input. Connect a pullup resistor (10 k
Ω typical) to VCC.
VCC
9, 12
Supply
3.3-V ± 10% supply voltage.


Similar Part No. - ONET8501PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTR TI1-ONET8501PBRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTRG4 TI1-ONET8501PBRGTRG4 Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTT TI1-ONET8501PBRGTT Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PBRGTTG4 TI1-ONET8501PBRGTTG4 Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
More results

Similar Description - ONET8501PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com