Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-50DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-50DBVT
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985A-50DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2985A-50DBVT Datasheet HTML 5Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 6Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 7Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 8Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 9Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 10Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 11Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 12Page - Texas Instruments LP2985A-50DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
200
400
600
800
1000
1200
1400
−50
−25
0
25
50
75
100
125
150
0 mA
Temperature − (°C)
150 mA
50 mA
10 mA
1 mA
VO = 3.3 V
Cbyp = 10 nF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
Input Voltage − (V)
RL = Open
RL = 3.3 kW
VO = 3.3 V
Cbyp = 10 nF
0.01
0.1
1
10
100
1k
10k
100k
Frequency − (Hz)
ILOAD = 1 mA
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 pF
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency − (Hz)
Ci = 1 mF
Co = 4.7 mF
VO = 3.3 V
10 mA
100 mA
1 mA
0.01
0.1
1
10
100
1k
10k
100k
Frequency − (Hz)
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 pF
ILOAD = 150 mA
LP2985
www.ti.com
SLVS522O – JULY 2004 – REVISED JANUARY 2015
Typical Characteristics (continued)
CIN = 1 μF, COUT = 4.7 μF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin tied to VIN (unless otherwise specified)
Figure 14. Output Noise Density vs Frequency
Figure 13. Output Impedance vs Frequency
Figure 15. Output Noise Density vs Frequency
Figure 16. Input Current vs Input Voltage
Figure 18. 2.2-
μF Stable ESR Range
for Output Voltage
≤ 2.3 V
Figure 17. Ground-pin Current vs Temperature
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - LP2985A-50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-50DBVT TI-LP2985A-50DBVT Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2985A-50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com