Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-25DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-25DBVT
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985A-25DBVT Datasheet(HTML) 4 Page - Texas Instruments

  LP2985A-25DBVT Datasheet HTML 1Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 2Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 3Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 4Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 5Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 6Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 7Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 8Page - Texas Instruments LP2985A-25DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LP2985
SLVS522O – JULY 2004 – REVISED JANUARY 2015
www.ti.com
6 Specifications
6.1
Absolute Maximum Ratings
over virtual junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Continuous input voltage range(2)
–0.3
16
V
VON/ OFF
ON/OFF input voltage range
–0.3
16
V
Output voltage range(3)
–0.3
9
V
Internally limited
IO
Output current(4)
(short-circuit protected)
θJA
Package thermal impedance(4) (5)
206
°C/W
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The PNP pass transistor has a parasitic diode connected between the input and output. This diode normally is reverse biased
(VIN > VOUT), but will be forward biased if the output voltage exceeds the input voltage by a diode drop (see Application Information for
more details).
(3)
If load is returned to a negative power supply in a dual-supply system, the output must be diode clamped to GND.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
1000
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3
Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Supply input voltage
2.2(1)
16
V
VON/ OFF
ON/OFF input voltage
0
VIN
V
IOUT
Output current
150
mA
TJ
Virtual junction temperature
–40
125
°C
(1)
Recommended minimum VIN is the greater of 2.5 V or VOUT(max) + rated dropout voltage (max) for operating IL.
6.4 Thermal Information
LP2985
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
206
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated


Similar Part No. - LP2985A-25DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-25DBVT TI-LP2985A-25DBVT Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVT TI-LP2985A-25DBVT Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVT TI-LP2985A-25DBVT Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVT TI-LP2985A-25DBVT Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVT TI-LP2985A-25DBVT Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results

Similar Description - LP2985A-25DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com