Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ7790509PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790509PWR
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790509PWR Datasheet(HTML) 1 Page - Texas Instruments

  BQ7790509PWR Datasheet HTML 1Page - Texas Instruments BQ7790509PWR Datasheet HTML 2Page - Texas Instruments BQ7790509PWR Datasheet HTML 3Page - Texas Instruments BQ7790509PWR Datasheet HTML 4Page - Texas Instruments BQ7790509PWR Datasheet HTML 5Page - Texas Instruments BQ7790509PWR Datasheet HTML 6Page - Texas Instruments BQ7790509PWR Datasheet HTML 7Page - Texas Instruments BQ7790509PWR Datasheet HTML 8Page - Texas Instruments BQ7790509PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
VC5
Vss
SRP
SRN
CHG
DSG
TS
VTB
CTRD
CTRC
LD
VDD
VC5
Vss
SRP
SRN
CHGU
DSG
TS
VTB
LD
VDD
bq77094/5
bq77094/5
PACK+
PACK-
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq77904, bq77905
SLUSCM3E – JUNE 2016 – REVISED MARCH 2017
bq77905, bq77904 3-5S Ultra Low-Power Voltage, Current, Temperature,
and Open Wire Stackable Lithium-ion Battery Protector
1
1 Features
1
Normal Mode: 6 µA (bq77904/bq77905)
Full suite of voltage, current and temperature
protections
Scalable cell count from 3 S to 20 S or more
Voltage Protection (Accuracy ±10 mV)
Overvoltage: 3 V to 4.575 V
Undervoltage: 1.2 V to 3 V
Open Cell and Open Wire Detection (OW)
Current Protection
Overcurrent Discharge 1: –10 mV to –85 mV
Overcurrent Discharge 2: –20 mV to 170 mV
Short Circuit Discharge: –40 mV to 340 mV
Accuracy ±20% for
≤ 20 mV, ±30% for > 20
mV across full temperature
Temperature Protection
Overtemperature Charge: 45°C or 50°C
Overtemperature Discharge: 65°C or 70°C
Undertemperature Charge: –5°C or 0°C
Undertemperature Discharge: –20°C or –10°C
Additional Features
Independent Charge (CHG) and Discharge
(DSG) FET Drivers
36-V Absolute Maximum Rating Per Cell Input
Built-In-Self-Test Functions For High Reliability
Shutdown Mode: 0.5 µA Maximum
2 Applications
Power Tools, Garden Tools
Start-Stop Battery Packs
Lead-Acid (PbA) Replacement Batteries
Light Electric Vehicles
Energy Storage Systems, Uninterruptible Power
Supplies (UPS)
10.8 V to 72 V Packs
3 Description
The bq77904 and bq77905 devices are low-power
battery pack protectors that implement a suite of
voltage, current, and temperature protections without
microcontroller (MCU) control. The device's stackable
interface provides simple scaling to support battery
cell applications from 3 S to 20 S or more. Protection
thresholds and delays are factory-programmed and
available in a variety of configurations. Separate
overtemperature and undertemperature thresholds for
discharge (OTD and UTD) and charge (OTC and
UTC) are provided for added flexibility.
The device achieves pack protection through the
integrated independent CHG and DSG low-side
NMOS FET drivers, which may be disabled through
two control pins. These control pins may also be used
to achieve cell protection solutions for higher series
(6 S and beyond) in a simple and economical
manner. To do this, simply cascade a higher device
CHG and DSG outputs to the immediate lower device
control pins. For reduced component count, all
protection faults use internal delay timers.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq77904
TSSOP (20)
6.50 mm × 4.40 mm
bq77905
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ7790509PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PWR TI1-BQ7790509PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790509PWR TI-BQ7790509PWR Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790509PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904_017 TI1-BQ77904_017 Datasheet
1Mb / 47P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com