Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA02235YZFR Datasheet(PDF) 11 Page - Texas Instruments

Part # HPA02235YZFR
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA02235YZFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button HPA02235YZFR Datasheet HTML 7Page - Texas Instruments HPA02235YZFR Datasheet HTML 8Page - Texas Instruments HPA02235YZFR Datasheet HTML 9Page - Texas Instruments HPA02235YZFR Datasheet HTML 10Page - Texas Instruments HPA02235YZFR Datasheet HTML 11Page - Texas Instruments HPA02235YZFR Datasheet HTML 12Page - Texas Instruments HPA02235YZFR Datasheet HTML 13Page - Texas Instruments HPA02235YZFR Datasheet HTML 14Page - Texas Instruments HPA02235YZFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
bq27520-G3
www.ti.com
SLUSAP0 – DECEMBER 2011
4.1.1.1
Control( ): 0x00/0x01
Issuing a Control( ) command requires a subsequent 2-byte subcommand. These additional bytes specify
the particular control function desired. The Control( ) command allows the system to control specific
features of the bq27520-G3 during normal operation and additional features when the device is in different
access modes, as described in Table 4-2.
Table 4-2. Control( ) Subcommands
CNTL
SEALED
CNTL FUNCTION
DESCRIPTION
DATA
ACCESS
CONTROL_STATUS
0x0000
Yes
Reports the status of DF checksum, hibernate, IT, etc.
DEVICE_TYPE
0x0001
Yes
Reports the device type (for example: 0x0520)
FW_VERSION
0x0002
Yes
Reports the firmware version on the device type
PREV_MACWRITE
0x0007
Yes
Returns previous MAC subcommand code
CHEM_ID
0x0008
Yes
Reports the chemical identifier of the Impedance Track™ configuration
OCV_CMD
0x000C
Yes
Request the gauge to take a OCV measurement
BAT_INSERT
0x000D
Yes
Forces the BAT_DET bit set when the [BIE] bit is 0
BAT_REMOVE
0x000E
Yes
Forces the BAT_DET bit clear when the [BIE] bit is 0
SET_HIBERNATE
0x0011
Yes
Forces CONTROL_STATUS [HIBERNATE] to 1
CLEAR_HIBERNATE
0x0012
Yes
Forces CONTROL_STATUS [HIBERNATE] to 0
SET_SLEEP+
0x0013
Yes
Forces CONTROL_STATUS [SNOOZE] to 1
CLEAR_SLEEP+
0x0014
Yes
Forces CONTROL_STATUS [SNOOZE] to 0
FACTORY_RESTORE
0x0015
No
Forces a Factory Restore of learned resistance and Qmax to defaults
DF_VERSION
0x001F
Yes
Returns theData Flash Versioncode
SEALED
0x0020
No
Places the bq27520-G3 in SEALED access mode
IT_ENABLE
0x0021
No
Enables the Impedance Track™ algorithm
RESET
0x0041
No
Forces a full reset of the bq27520-G3
Copyright © 2011, Texas Instruments Incorporated
GENERAL DESCRIPTION
11
Submit Documentation Feedback
Product Folder Links :bq27520-G3
Not Recommended for New Designs


Similar Part No. - HPA02235YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA02230AIDBVR TI1-HPA02230AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
HPA02232ARGER TI1-HPA02232ARGER Datasheet
6Mb / 36P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver and Equalizer
HPA02239RUKR TI1-HPA02239RUKR Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - HPA02235YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com