Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP150N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP150N10F7
Description  High avalanche ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP150N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STP150N10F7 Datasheet HTML 1Page - STMicroelectronics STP150N10F7 Datasheet HTML 2Page - STMicroelectronics STP150N10F7 Datasheet HTML 3Page - STMicroelectronics STP150N10F7 Datasheet HTML 4Page - STMicroelectronics STP150N10F7 Datasheet HTML 5Page - STMicroelectronics STP150N10F7 Datasheet HTML 6Page - STMicroelectronics STP150N10F7 Datasheet HTML 7Page - STMicroelectronics STP150N10F7 Datasheet HTML 8Page - STMicroelectronics STP150N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID024552 Rev 4
3/15
STI150N10F7, STP150N10F7
Electrical ratings
15
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate- source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
110
A
ID
Drain current (continuous) at TC = 100 °C
110
A
IDM
(1)
1.
Pulse width is limited by safe operating area
Drain current (pulsed)
440
A
PTOT
Total dissipation at TC = 25 °C
250
W
EAS
(2)
2.
Starting Tj=25 °C, ID=30 A, VDD=50 V
Single pulse avalanche energy
495
mJ
TJ
Operating junction temperature
-55 to 175
°C
Tstg
Storage temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.6
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W


Similar Part No. - STP150N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP150N10F7 ISC-STP150N10F7 Datasheet
245Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP150N10F7 DOINGTER-STP150N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
More results

Similar Description - STP150N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com