Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPS20C60-H Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGIPS20C60-H
Description  Undervoltage lockout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60-H Datasheet(HTML) 2 Page - STMicroelectronics

  STGIPS20C60-H Datasheet HTML 1Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 2Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 3Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 4Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 5Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Contents
STGIPS20C60-H
2/20
DocID024483 Rev 4
Contents
1
Internal block diagram and pin configuration . . . . . . . . . . . . . . . . . . . . 3
2
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.1
Control part . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.2
Waveform definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
4
Smart shutdown function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
5.1
Recommendations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6.1
SDIP-25L package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6.2
Packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19


Similar Part No. - STGIPS20C60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
More results

Similar Description - STGIPS20C60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
STMicroelectronics
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
   Undervoltage shutdown
July 2014 Rev 2
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com