Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3068 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3068
Description  WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3068 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3068 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary Datasheet
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068
May. 2010
Rev. 1.3
BCD Semiconductor Manufacturing Limited
6
Absolute Maximum Ratings (Note 1) (Continued)
Parameter
Symbol
Value
Unit
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage 1
VIN
6
27
V
Input Voltage 2
VDD
4.2
5.5
V
Operating Frequency
fO
0.2
1
MHz
LED Channel Current
ICHX
5
100
mA
PWM Dimming Frequency
fPWM
0.1
25
kHz
Operating Temperature
TA
-40
85
ºC
Electrical Characteristics
VIN =12V, VDD=5V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT SECTION
Input Voltage
VIN
6
27
V
Quiescent Current
IQ
No Switching
3
5
mA
Shutdown Supply Current
ISHTD
VEN =VDD=0V
1
2
µA


Similar Part No. - AP3068

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP30610 SCHNEIDER-AP30610 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
logo
Diodes Incorporated
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Schneider Electric
AP3066 SCHNEIDER-AP3066 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 600A
AP306G10 SCHNEIDER-AP306G10 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 600A
AP306G6 SCHNEIDER-AP306G6 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 600A
More results

Similar Description - AP3068

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
   16 channel white LED driver for LCD backlight
logo
Rohm
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
logo
Analog Devices
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
logo
New Japan Radio
NJW4600 NJRC-NJW4600 Datasheet
190Kb / 2P
   White LED Driver for Backlight
NJW4603 NJRC-NJW4603 Datasheet
189Kb / 2P
   White LED Driver for Backlight
logo
STMicroelectronics
STLD41 STMICROELECTRONICS-STLD41 Datasheet
788Kb / 19P
   White LED driver for mid-size LCD display backlight
June 2012 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com