Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFR32BG1B132F128GM32-B0 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFR32BG1B132F128GM32-B0
Description  EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG1B132F128GM32-B0 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFR32BG1B132F128GM32-B0 Datasheet HTML 1Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 2Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 3Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 4Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 5Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 6Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 7Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 8Page - Silicon Laboratories EFR32BG1B132F128GM32-B0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
3. System Overview
3.1 Introduction
The EFR32 product family combines an energy-friendly MCU with a highly integrated radio transceiver. The devices are well suited for
any battery operated application as well as other systems requiring high performance and low energy consumption. This section gives a
short introduction to the full radio and MCU system. The detailed functional description can be found in the EFR32 Reference Manual.
A block diagram of the EFR32BG1 family is shown in Figure 3.1 Detailed EFR32BG1 Block Diagram on page 4. The diagram shows
a superset of features available on the family, which vary by OPN. For more information about specific device features, consult Order-
ing Information.
Analog Peripherals
Clock Management
LFXTAL_P / N
LFXO
IDAC
ARM Cortex-M4 Core
Up to 256 KB ISP Flash
Program Memory
Up to 32 KB RAM
A
H
B
Watchdog
Timer
Reset
Management
Unit
Brown Out /
Power-On
Reset
RESETn
Digital Peripherals
Port
Mapper
Port I/O Configuration
I2C
Analog Comparator
12-bit ADC
Temp
Sensor
VREF
VDD
VDD
Internal
Reference
TIMER
CRYOTIMER
PCNT
USART
Port A
Drivers
Port B
Drivers
PAn
Port C
Drivers
PCn
PBn
Port D
Drivers
PDn
LETIMER
RTC / RTCC
IOVDD
AUXHFRCO
HFRCO
ULFRCO
HFXO
Port F
Drivers
PFn
Memory Protection Unit
LFRCO
A
P
B
LEUART
CRYPTO
CRC
DMA Controller
+
-
Floating Point Unit
Energy Management
DC-DC
Converter
DVDD
VREGVDD
VSS
VREGSW
bypass
AVDD
PAVDD
RFVDD
Voltage
Regulator
DECOUPLE
IOVDD
Voltage
Monitor
VREGVSS
RFVSS
PAVSS
Serial Wire Debug /
Programming
Radio Transciever
2G4RF_IOP
2G4RF_ION
RF Frontend
PA
I
Q
LNA
BALUN
RFSENSE
Frequency
Synthesizer
DEMOD
AGC
IFADC
MOD
PGA
HFXTAL_P
HFXTAL_N
Figure 3.1. Detailed EFR32BG1 Block Diagram
3.2 Radio
The Blue Gecko family features a radio transceiver supporting Bluetooth Smart® and proprietary short range wireless protocols.
3.2.1 Antenna Interface
The 2.4 GHz antenna interface consists of two pins (2G4RF_IOP and 2G4RF_ION) that interface directly to the on-chip BALUN. The
2G4RF_ION pin should be grounded externally.
The external components and power supply connections for the antenna interface typical applications are shown in the RF Matching
Networks section.
EFR32BG1 Blue Gecko Bluetooth® Smart SoCFamily Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.9 | 4


Similar Part No. - EFR32BG1B132F128GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1B132F128GM32-C0 SILABS-EFR32BG1B132F128GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B132F128GM32-C0 SILABS-EFR32BG1B132F128GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B132F128GM32-C0 SILABS-EFR32BG1B132F128GM32-C0 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1B132F128GM32-C0R SILABS-EFR32BG1B132F128GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B132F128GM32-C0R SILABS-EFR32BG1B132F128GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32BG1B132F128GM32-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1V132F256 SILABS-EFR32BG1V132F256 Datasheet
1Mb / 94P
   ConfidentialEFR32BG1 Blue Gecko Bluetooth짰 Smart SoC CSP Family
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG12P232F SILABS-EFR32BG12P232F Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com