Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGM113A256V2 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # BGM113A256V2
Description  BGM113 Blue Gecko BluetoothModule Data Sheet
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BGM113A256V2 Datasheet(HTML) 1 Page - Silicon Laboratories

  BGM113A256V2 Datasheet HTML 1Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 2Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 3Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 4Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 5Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 6Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 7Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 8Page - Silicon Laboratories BGM113A256V2 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
BGM113 Blue Gecko Bluetooth ® Module
Data Sheet
The Blue Gecko BGM113 is a Bluetooth® Module targeted for Bluetooth low energy ap-
plications where small size, reliable RF, low-power consumption, and easy application
development are key requirements. At +3 dBm TX power, BGM113 is ideal for applica-
tions requiring short and medium range Bluetooth connectivity.
The BGM113 integrates all of the necessary elements required for a Bluetooth applica-
tion: Bluetooth radio, a software stack, and GATT-based profiles, and it can also host
end user applications, which means no external microcontroller is required in size, price
or power constrained devices. The BGM113 Bluetooth Module also has highly flexible
hardware interfaces to connect to different peripherals or sensors.
BGM113 can be used in a wide variety of applications:
KEY FEATURES
• Bluetooth 4.2 compliant
• Integrated antenna
• TX power: up to +3 dBm
• RX sensitivity: down to -92 dBm
• Range: up to 50 meters
• 32-bit ARM® Cortex®-M4 core at 38.4 MHz
• Flash memory: 256kB
• RAM: 32 kB
• Autonomous hardware crypto accelerator
and random number generator
• Integrated DC-DC Converter
• Onboard Bluetooth stack
• IoT Sensors and End Devices
• Commercial and Retail
• Health and Wellness
• Industrial, Home and Building Automation
• Smart Phone, Tablet and PC Accessories
Timers and Triggers
RTCC
Cryotimer
Timer/Counter
Low energy timer
Pulse Counter
Watchdog Timer
Protocol Timer
32-bit bus
Peripheral Reflex System
Serial Interfaces
I/O Ports
Analog I/F
Lowest power mode with peripheral operational:
USART
Low Energy
UART
I2C
External
Interrupts
General Purpose
I/O
Pin Reset
Pin Wakeup
ADC
IDAC
Analog
Comparator
Radio Transceiver
DEMOD
AGC
IFADC
RFSENSE
MOD
EM3—Stop
EM2—Deep Sleep
EM1—Sleep
EM4—Hibernate
EM4—Shutoff
EM0—Active
PA
I
Q
RF Frontend
LNA
Frequency
Synthesizer
PGA
BALUN
Core / Memory
ARM Cortex M4 processor
with DSP extensions and FPU
Energy Management
Brown-Out
Detector
DC-DC
Converter
Voltage
Regulator
Voltage Monitor
Power-On Reset
Other
CRYPTO
CRC
Clock Management
High Frequency
Crystal Oscillator
Low Frequency
Crystal Oscillator
Low Frequency
RC Oscillator
High Frequency
RC Oscillator
Ultra Low
Frequency
RC Oscillator
Auxiliary
High Frequency
RC Oscillator
Flash Program
Memory
RAM Memory
Debug Interface
DMA Controller
Memory
Protection Unit
Antenna
Crystals
32.768kHz
38.4MHz
Chip antenna
Matching
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.00


Similar Part No. - BGM113A256V2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BGM113 SILABS-BGM113 Datasheet
1Mb / 84P
   Commercial and Retail
More results

Similar Description - BGM113A256V2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BGM13S SILABS-BGM13S Datasheet
3Mb / 142P
   Blue Gecko Bluetooth 짰 SiP Module
BGX13P SILABS-BGX13P Datasheet
6Mb / 30P
   BGX13P Blue Gecko Bluetooth 짰 Module
BGM210P SILABS-BGM210P Datasheet
2Mb / 50P
   BGM210P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.3
BGM11S SILABS-BGM11S Datasheet
3Mb / 95P
   BGM11S Blue Gecko Bluetooth® SiP Module Data Sheet
Rev. 1.4
BGM220P SILABS-BGM220P Datasheet
2Mb / 49P
   BGM220P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGM240P SILABS-BGM240P Datasheet
3Mb / 62P
   BGM240P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGX220P SILABS-BGX220P Datasheet
2Mb / 39P
   BGX220P Wireless Gecko Bluetooth Xpress Module Data Sheet
Rev. 1.0
BGX13S SILABS-BGX13S Datasheet
2Mb / 42P
   BGX13S Blue Gecko Xpress Bluetooth ® SiP Module Data Sheet
Rev. 1.1
BGM111E SILABS-BGM111E Datasheet
2Mb / 87P
   BGM111E Wireless Gecko Bluetooth® Module Data Sheet
Rev. 1.4
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
   BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com