Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4825-A10-CS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI4825-A10-CS
Description  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4825-A10-CS Datasheet(HTML) 4 Page - Silicon Laboratories

  SI4825-A10-CS Datasheet HTML 1Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 2Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 3Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 4Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 5Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 6Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 7Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 8Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Si4825-A10
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions1,2
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage3
VDD
2—
3.6
V
Power Supply Powerup Rise Time
VDDRISE
10
µs
Ambient Temperature Range
TA
025
70
°C
Note:
1.
Typical values in the data sheet apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
All minimum and maximum specifications in the data sheet apply across the recommended operating conditions for
minimum VDD = 2.7 V.
3.
Operation at minimum VDD is guaranteed by characterization when VDD voltage is ramped down to 2.0 V. Part
initialization may become unresponsive below 2.3 V.
Table 2. DC Characteristics
(VDD = 2.7 to 3.6 V, TA = 0 to 70 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
Supply Current*
IFM
—20.0—
mA
AM/SW Mode
Supply Current*
IAM
—19.0—
mA
Supplies and Interface
VDD Powerdown Current
IDDPD
—10—
µA
*Note:
Specifications are guaranteed by characterization.


Similar Part No. - SI4825-A10-CS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4825-A10-CS SKYWORKS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Similar Description - SI4825-A10-CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com