Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4769-A41-GMR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4769-A41-GMR
Description  High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4769-A41-GMR Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4769-A41-GMR Datasheet HTML 1Page - Silicon Laboratories SI4769-A41-GMR Datasheet HTML 2Page - Silicon Laboratories SI4769-A41-GMR Datasheet HTML 3Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Automotive AM/FM Tuner
Copyright © 2011 by Silicon Laboratories
11.10.11
AMI
LNA
FMXIP
WXI
FMI
LNA
ClK
Gen
DSP
FMO
CNTRL
MXR PKD
DOUT
DFS
DCLK
RSTB
FMXIN
LOUT/
MPXOUT
ROUT
IF PKD
RDS
ADC
ADC
DAC
DAC
Si476x
0°/90°
VIO2
RF PKD
RF PKD
LNA
RF PKD
REG
RFREG
VIO1
INTB
RL
RFGND
Si476x
High-Performance Automotive AM/FM Radio Receiver and
HD Radio Tuner
Description
The Si476x radio receiver family employs 100% RF CMOS
technology to bring outstanding receiver performance to
the automotive infotainment industry, which demands high
performance and quality.
The Si476x receiver family supports worldwide FM and AM
radio reception. Additional variants support weather band,
shortwave, longwave frequencies, and dual antenna FM
phase diversity reception.
The Si476x incorporates a digital processor for the
European Radio Data System (RDS) and the North
American Radio Broadcast Data System (RBDS) including
all required symbol decoding, block synchronization, error
detection, and error correction functions. All odd-numbered
variants in the family support AM/FM HD Radio channel
reception with digital (I2S) baseband I/Q outputs for
interface to a HD Radio demodulator/decoder.
The family leverages Silicon Laboratories’ patented digital
architecture, delivering superior RF performance and
interference rejection. The proven digital techniques
provide excellent sensitivity in weak signal environments,
and superb selectivity and inter-modulation immunity in
strong signal environments.
The solution offers dynamic AM/FM channel bandwidth
control, auto-calibrated digital tuning, and proven AM/FM
seek functionality based on multiple signal quality and
band parameters. The family offers highly flexible and
advanced
audio
processing
including
AM/FM
noise
blanking,
programmable
soft
mute,
FM
multi-path
mitigation, FM stereo-mono blend, and FM hi-cut. In
addition, the Si476x provides an integrated clock oscillator
or accepts a reference clock and an I2C-compatible, 2-wire
control interface. The Si476x receiver system specifies a
minimal bill of materials, resulting in a very small board
space requirement and making the solution ideal for any
automotive application from single tuner radios to multiple
tuner radios addressing companion TMC/AF reception/
scanning.
Features
- Worldwide FM band support (64–108 MHz)
- AM/FM HDR support
- Worldwide AM band support (520–1710 kHz)
- Advanced RDS/RBDS demodulator/decoder
- Digital FM MPX decoder
- Integrated FM active splitter
- Addresses companion AF/RDS data receiver
- Advanced AM/FM noise blankers
- Dynamic AM/FM channel bandwidth control
- Advanced FM hi-cut control
- Programmable FM stereo-mono blend
- Programmable AM/FM soft mute
- Full suite of signal metrics: RSSI, SNR, multi-path
interference, frequency offset, adjacent channel
strength, USN
- Analog and digital (I2S) audio outputs
- Digital (I2S) baseband AM/FM I/Q
- Analog FM MPX output
- Low-IF architecture
- Eliminates expensive 10.7 MHz IF ceramic filters
- On-chip AM/FM AGC with integrated resistor and
varactor banks
- Eliminates external pin diode attenuators and 
varactors
- 1.5 to 5 V power supplies
- QFN 40, 6 x 6 x 0.85 mm
- Pb-free/RoHS compliant
- AEC-Q100 qualified
Applications
- OEM automotive infotainment systems
- Aftermarket car radio systems
- OEM automotive PND docking system


Similar Part No. - SI4769-A41-GMR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI476X SILABS-SI476X Datasheet
51Kb / 2P
   Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support
More results

Similar Description - SI4769-A41-GMR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
SI47911 SILABS-SI47911 Datasheet
994Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47901 SILABS-SI47901 Datasheet
1,003Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
   AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com