Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1PHB50GK08 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # S1PHB50GK08
Description  Single Phase Half Controlled Bridge Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S1PHB50GK08 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  S1PHB50GK08 Datasheet HTML 1Page - Sirectifier Semiconductors S1PHB50GK08 Datasheet HTML 2Page - Sirectifier Semiconductors S1PHB50GK08 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1PHB50GKXXB
Type
S1PHB50GK08
S1PHB50GK12
S1PHB50GK14
S1PHB50GK16
S1PHB50GK18
VRRM
VDRM
V
800
1200
1400
1600
1800
VRSM
VDSM
V
900
1300
1500
1700
1900
Symbol
Test Conditions
Maximum Ratings
Unit
TK=85oC, module
module
per leg
50
50
39
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
540
580
480
540
A
ITSM, IFSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1500
1500
1200
1200
A2s
I2t
(di/dt)cr
150
500
A/us
(dv/dt)cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=500us
10
5
W
PGAVM
0.5
W
IdAV
IdAVM
IFRMS, ITRMS
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
2500
3000
V~
Md
Mounting torque (M5)
Terminal connection torque (M5)
_
5+15%
5+15%
Nm
Nm
Weight
165
g
TVJ=125oC
repetitive, IT=50A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.3A
non repetitive, IT=1/2IdAV
diG/dt=0.3A/us
VRGM
10
V
Dimensions in mm (1mm=0.0394")
_
_
Single Phase Half Controlled Bridge Modules With Free Wheeling Diode
typical
T1
T2
D3
D2
D1
G2
(G4)
K2
(G6)
G1
(G1)
K1
(G3)
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S1PHB50GK08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PHB55 SIRECTIFIER-S1PHB55 Datasheet
171Kb / 2P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB55-08 SIRECTIFIER-S1PHB55-08 Datasheet
171Kb / 2P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB55-12 SIRECTIFIER-S1PHB55-12 Datasheet
171Kb / 2P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB55-14 SIRECTIFIER-S1PHB55-14 Datasheet
171Kb / 2P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
S1PHB55-16 SIRECTIFIER-S1PHB55-16 Datasheet
171Kb / 2P
   Single Phase Half Controlled Bridge With Free Wheeling Diode
More results

Similar Description - S1PHB50GK08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S1PHB75GKXXB SIRECTIFIER-S1PHB75GKXXB Datasheet
259Kb / 3P
   Single Phase Half Controlled Bridge Modules
S1PHB41GKXXB SIRECTIFIER-S1PHB41GKXXB Datasheet
335Kb / 3P
   Single Phase Half Controlled Bridge Modules
S3PHB70 SIRECTIFIER-S3PHB70_16 Datasheet
241Kb / 2P
   Three Phase Half Controlled Bridge Modules
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
IXYS Corporation
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com