Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PHB180G12B Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S3PHB180G12B
Description  Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PHB180G12B Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S3PHB180G12B Datasheet HTML 1Page - Sirectifier Semiconductors S3PHB180G12B Datasheet HTML 2Page - Sirectifier Semiconductors S3PHB180G12B Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Test Conditions
Characteristic Values
Unit
V
VTM/ VFM ITM, IFM=180A;TVJ=25oC for every chip
1.64
VTO
For power-loss calculations only
0.85
V
rT
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
100
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
5
mA
IH
TVJ=25oC; VD=6V; RGK=
200
mA
TVJ=25oC; tp=10us
IG=0.45A; diG/dt=0.45A/us
450
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.46
0.077
K/W
per thyristor/diode; DC current
per module
RthJH
0.55
0.092
K/W
dS
Creeping distance on surface
10
mm
dA
Strike distance through air
9.4
mm
a
Maximum allowable acceleration
50
m/s2
ID,IR
TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25oC; VD=1/2VDRM
IG=0.45A; diG/dt=0.45A/us
tgd
2
us
TVJ=TVJM; IT=20A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=15V/us; VD=2/3VDRM
tq
250
us
IRM
45
A
FEATURES
* Low forward voltage drop
* Package with copper base plate
* Glass passivated chips
* Isolation voltage 3000 V~
ADVANTAGES
* Space and weight savings
* Easy to mount with two screws
* Improved temperature and power
cycling capability
* Small and light weight
APPLICATIONS
* Input rectifiers for PWM inverter
* Supplies fir DC power equipment
* Field supply for DC motors
* Battery DC power supplies
3.5
m
S3PHB1
80,
Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHBD1
80, S3PFB180
* UL File NO.E310749
* RoHS compliant
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PHB180G12B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110G08B SIRECTIFIER-S3PHB110G08B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110G12B SIRECTIFIER-S3PHB110G12B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110G16B SIRECTIFIER-S3PHB110G16B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110G18B SIRECTIFIER-S3PHB110G18B Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
More results

Similar Description - S3PHB180G12B

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70_16 Datasheet
241Kb / 2P
   Three Phase Half Controlled Bridge Modules
logo
IXYS Corporation
VVZ40 IXYS-VVZ40 Datasheet
51Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ12-16IO1 IXYS-VVZ12-16IO1 Datasheet
43Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Powersem GmbH
PSDH39 POWERSEM-PSDH39 Datasheet
151Kb / 2P
   Three Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VVZ24-12IO1 IXYS-VVZ24-12IO1 Datasheet
75Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
logo
Sirectifier Semiconduct...
S1PHB50GKXXB SIRECTIFIER-S1PHB50GKXXB Datasheet
258Kb / 3P
   Single Phase Half Controlled Bridge Modules
S1PHB75GKXXB SIRECTIFIER-S1PHB75GKXXB Datasheet
259Kb / 3P
   Single Phase Half Controlled Bridge Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com