Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4455-C2A-GM Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si4455-C2A-GM
Description  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4455-C2A-GM Datasheet(HTML) 4 Page - Silicon Laboratories

  Si4455-C2A-GM Datasheet HTML 1Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 2Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 3Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 4Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 5Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 6Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 7Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 8Page - Silicon Laboratories Si4455-C2A-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Si4x55-C
4
Rev 1.0
1. Electrical Specifications
Table 1. DC Characteristics
Parameter
Symbol
Test Condition
Min
Typ Max Unit
Supply Voltage
Range
VDD
1.8
3.3
3.6
V
Power Saving
Modes
IShutdown
RC oscillator, main digital regulator, and low power digital
regulator OFF.
—30
nA
IStandby
Register values maintained.
40
nA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF.
—1.8
mA
ISPI Active
SPI active state
1.5
mA
TUNE Mode Cur-
rent
ITune_RX
RX Tune
6.8
mA
ITune_TX
TX Tune
7.1
mA
RX Mode Current
IRX
Measured at 40 kbps, 20 kHz deviation, 315 MHz
10.9 —
mA
TX Mode Current
ITX
+10 dBm output power
Measured on direct tie RF evaluation board at 868 MHz
—19
mA
+13 dBm output power
Measured on direct tie RF evaluation board at 868 MHz
—24
mA
Note:
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.


Similar Part No. - Si4455-C2A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
More results

Similar Description - Si4455-C2A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
List of Unclassifed Man...
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com