Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL8908 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8908
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8908 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8908 Datasheet HTML 1Page - Pulse A Technitrol Company PL8908 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 215 781 6400 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
M117.B (4/06)
SMT POWER INDUCTORS
Shielded Drum Core - PL89XX Series
TAPE & REEL
LAYOUT
USER DIRECTION
OF FEED
4
3
1
2
.421
10,70
.303 ± .008
7.70 ± 0,20
.283
7,20
.260
6,60
Ø
.177
4,50
Ø
.630
16,00
.945 ± .012
24.00 ± 0,30
.421
10,70
PL89XX
Date Code
Country of Origin
PL89XX
Date Code
Country of Origin
PL89XX
Date Code
Country of Origin
4
3
1
2
4
3
1
2
TYP
.118
3,00
TYP
.047
1,20
MAX
.280
7,10
.004/0,10 MAX
.413
10,50
MAX
.413
10,50
MAX
SUGGESTED PAD LAYOUT
.421
10,70
TYP
.421
10,70TYP
.287
7,30TYP
.142
3,60TYP
.142
3,60
TYP
.287
7,30
TYP
1
2
Mechanical
Schematic
Weight . . . . . . . . 4.0 grams
Tape & Reel . . . . . . 400/reel
Part
Inductance
Irated 2
DCR (m
Ω)
Inductance
Saturation 3
Heating 4
Numbers
@Irated
(A)
@0ADC
Current
Current
(
μH TYP)
TYP
MAX
(
μH)
(A) @25°C
(A)
PL8901
0.80
11
3.5
4.0
1.0*
14
11
PL8902
1.20
10
4.3
6.0
1.5*
13
10
PL8903
2.1
9.0
5.1
7.3
2.7*
11
9
PL8904
2.9
8.0
6.9
8.5
3.7*
9.2
8
PL8905
3.7
7.3
7.9
9.5
4.7*
8.2
7.3
PL8906
4.8
6.0
10.9
16.5
6.0*
6.9
6.0
PL8907
6
5.5
14.8
18.5
7.6*
6.2
5.5
PL8908
8
5.0
16.7
21.8
10
5.5
5.0
PL8909
9.6
4.5
18.1
29.0
12
5.1
4.5
PL8910
12
4.1
21.2
35.4
15
4.4
4.1
PL8911
14.4
4.0
27.9
37.0
18
4.3
4.0
PL8912
17.6
3.8
29.8
42.0
22
3.8
3.8
PL8913
21.6
3.4
40.9
45.9
27
3.4
3.4
PL8914
26.4
3.0
43.1
64.8
33
3.0
3.1
PL8915
31.2
2.7
60.8
81.5
39
2.8
2.7
PL8916
37.6
2.6
67.1
89.0
47
2.6
2.6
PL8917
54.4
2.1
103.6
135.0
68
2.1
2.1
*Inductance at 0ADC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts. Optional Tape & Reel packaging
can be ordered by adding a "T" suffix to the part number (i.e. PL8901 becomes PL8901T).
NOTES FROM TABLE: (See back page)
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
NOTE: Pin 3 and Pin 4 are for
mechanical connection only.
Height: 7.1mm Max
Footprint: 10.5mm x 10.5mm Max
Inductance Range: 0.8µH to 54.4µH
Current Rating: up to 11A


Similar Part No. - PL8908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL80 ETC1-PL80 Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL80 EDI-PL80 Datasheet
37Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
NXP Semiconductors
PL802 PHILIPS-PL802 Datasheet
132Kb / 6P
   VIDEO OUTPUT PENTODE
December 1969
logo
List of Unclassifed Man...
PL80S ETC1-PL80S Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL80S EDI-PL80S Datasheet
37Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
More results

Similar Description - PL8908

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com