Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD-0035-0501 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # RD-0035-0501
Description  UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

RD-0035-0501 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button RD-0035-0501 Datasheet HTML 5Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 6Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 7Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 8Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 9Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 10Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 11Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 12Page - Silicon Laboratories RD-0035-0501 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
4.4 Features of the RD-0085 and RD-0035 Zigbee Lighting Reference Designs Modules
ZigBee Lighting Reference Design Hardware Features
RD-0085-0101
RD-0035-0101
Processor
32-bit ARM® Cortex-M4
32-bit ARM® Cortex-M3
Crystal frequency
38.4 MHz
24 MHz
Encryption Accelerators
AES128
Advanced Crypto Accelerators
SHA-1, SHA-2, ECC
Peripherals
ADC, UART, SPI, TWI
ADC, UART
Flash size
768 kB
512 kB
Number of PWMs
6
4
MAC/PHY
2.4 GHz IEEE 802.15.4
Packet trace
Included
Antenna
PCB, Inverted F
Voltage range
2.3V - 3.6V
Temperature range
-40C to 125C
Transmit power
+20 dBm
FCC certification
Pre-certified FCC Part 15
ZigBee Lighting Reference Design Firmware Features
Application firmware is available both as precompiled binaries and as source via the EmberZNet PRO stack. Firmware can be updated
either via a hardwired debugger connection or other-the-air (OTA) using an OTA-enabled gateway.
The following clusters are used in the reference design application.
Cluster Name
Cluster Hex Value
Basic
0x0000
Identify
0x0003
Groups
0x0004
Scenes
0x0005
On/Off
0x0006
Level
0x0008
Over-the-Air Boot Loading
0x0019
Color Control
0x0030
Diagnostics
0x0B05
UG252: ZigBee® Lighting Reference Design Demo Board Kit User's Guide (RD-0085-0401, RD-0035-0601)
Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.3 | 8


Similar Part No. - RD-0035-0501

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RD-0002-0201 SILABS-RD-0002-0201 Datasheet
8Mb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
RD-0051-0101 SILABS-RD-0051-0101 Datasheet
720Kb / 21P
   UG171: ZigBee짰 Smart Outlet Reference Design (RD-0051-0201) Kit Users Guide
RD-0051-0201 SILABS-RD-0051-0201 Datasheet
720Kb / 21P
   UG171: ZigBee짰 Smart Outlet Reference Design (RD-0051-0201) Kit Users Guide
More results

Similar Description - RD-0035-0501

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RD-0051-0201 SILABS-RD-0051-0201 Datasheet
720Kb / 21P
   UG171: ZigBee짰 Smart Outlet Reference Design (RD-0051-0201) Kit Users Guide
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com