Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4461-PCE14D868-EK Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 4461-PCE14D868-EK
Description  EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4461-PCE14D868-EK Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 4461-PCE14D868-EK Datasheet HTML 4Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 5Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 6Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 7Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 8Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 9Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 10Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 11Page - Silicon Laboratories 4461-PCE14D868-EK Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
EZRadioPRO-DK
8
Rev. 0.5
5.2. Power Scheme
The power source of the platform can be selected with the power supply selector switch “SUPPLY SELECT” on the
WMB board. If this switch is in the ”USB” position, supply voltage is provided by the PC that is connected to the
”J16” mini USB connector. If this switch is in the ”BAT” position, the supply voltage is provided by two AA batteries
in the battery holder on the bottom side of the board. If the ”SUPPLY SELECT” switch is in the ”EXT” position,
supply voltage is provided by an external power source through the ”TP7” and “TP9” points.
Using the ”MCU dc/dc” switch, the internal dc/dc converter of the C88051F930 MCU on the MCU pico board can
be activated if the connected pico board supports this function. If the switch is in ”OFF” position, the MCU's dc/dc
converter is inactive and the supply voltage is only determined by the state of the “SUPPLY SELECT” switch.
Positioning the switch to either ”LDO (1.25 V)” or ”1 CELL” position will turn on the MCU's dc/dc converter by
connecting 1.25–1.5 V supply voltage to the VBAT pin and removing external power from the VDC pin. The MCU
will provide 1.9 V in default setting on its VDC pin to all the other connected loads. Since this current is limited, it
may be necessary to disconnect or disable some loading part of the board. For further details, see the MCU data
sheet and the board schematic. The board schematic can be found in the EZRadioPRO Development Kit User's
Guide. A complete CAD design pack of the board is also available at www.silabs.com.
5.3. RF Pico Board
Figure 5. RF Pico Board Front Side
The RF pico board is a radio module that contains an EZRadioPRO radio IC, matching network and an SMA
connector on the top side. These components apart from the antenna connector are covered by a metal shield for
noise reduction. The digital signals of the radio (SCLK, SDI, SDO, NSEL, SCL, SDA, VDD and GND) can be
accessed on test points at the edge of the board. The boards also have a factory loaded board identification
memory (EBID) on the bottom side that contains data that describes the board properties. Via the unified RF pico
connector pair on the bottom side of the board, any RF pico board can be connected to the WMB.


Similar Part No. - 4461-PCE14D868-EK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4461-TSC14D868-EK ETC2-4461-TSC14D868-EK Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - 4461-PCE14D868-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
List of Unclassifed Man...
MDEV-315-HH-CP8-MS ETC2-MDEV-315-HH-CP8-MS Datasheet
367Kb / 7P
   MS COMPACT HANDHELD TRANSMITTER MASTER DEVELOPMENT SYSTEM USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
List of Unclassifed Man...
MDEV-315-HH-LR8-HS ETC2-MDEV-315-HH-LR8-HS Datasheet
819Kb / 9P
   HS LONG-RANGE HANDHELD TRANSMITTER MASTER DEVELOPMENT SYSTEM USER?셎 GUIDE
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com