Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPN3H60T-H Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGIPN3H60T-H
Description  Optimized for low electromagnetic interference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60T-H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGIPN3H60T-H Datasheet HTML 5Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 6Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 7Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 8Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 9Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 10Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 11Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 12Page - STMicroelectronics STGIPN3H60T-H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
STGIPN3H60T-H
Electrical characteristics
DocID025716 Rev 7
9/26
Figure 3: Switching time test circuit
Figure 4: Switching time definition
Figure 4: "Switching time definition" refers to HIN, LIN inputs (active high).


Similar Part No. - STGIPN3H60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
   SLLIMM??nano (small low-loss intelligent molded module)IPM
STGIPN3H60-H STMICROELECTRONICS-STGIPN3H60-H Datasheet
1Mb / 23P
   3-phase inverters for motor drives
September 2016 Rev 4
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
   SLLIMM??nano (small low-loss intelligent molded module) IPM
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
   SLLIMM??nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
September 2014 Rev 1
More results

Similar Description - STGIPN3H60T-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6A-274P-ST OMRON-G6A-274P-ST Datasheet
1,014Kb / 9P
   Resistant to electromagnetic interference
logo
Hirose Electric
HIF3-10CVFA HIROSE-HIF3-10CVFA Datasheet
239Kb / 5P
   Cover (HIF3B Series) against EMI (Electromagnetic Interference)
logo
PHOENIX CONTACT
1424412 PHOENIX-1424412 Datasheet
74Kb / 3P
   good shielding in the event of electromagnetic interference
1424711 PHOENIX-1424711 Datasheet
80Kb / 3P
   Reliable signal transmission - 360째 shielding in environments with electromagnetic interference
logo
IXYS Corporation
IXYN100N65A3 IXYS-IXYN100N65A3 Datasheet
214Kb / 6P
   Optimized for Low Conduction Losses
logo
Sharp Corporation
GP1UE261RKVF SHARP-GP1UE261RKVF Datasheet
347Kb / 6P
   Low Voltage Operation,Anti Electromagnetic
logo
Fairchild Semiconductor
4145 FAIRCHILD-4145 Datasheet
518Kb / 8P
   Electromagnetic Compatibility for Power Converters
logo
3M Electronics
AB5010R 3M-AB5010R Datasheet
91Kb / 3P
   Electromagnetic Absorber for RFID Application
2003
logo
Soberton Inc.
WST-1310S-1 SOBERTON-WST-1310S-1 Datasheet
275Kb / 5P
   Electromagnetic Buzzer
logo
TDK Electronics
SDR08540M3-01 TDK-SDR08540M3-01 Datasheet
59Kb / 4P
   Electromagnetic Buzzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com