Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STFW45N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STFW45N65M5
Description  N-channel 650 V, 35 A, 0.067typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW45N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFW45N65M5 Datasheet HTML 6Page - STMicroelectronics STFW45N65M5 Datasheet HTML 7Page - STMicroelectronics STFW45N65M5 Datasheet HTML 8Page - STMicroelectronics STFW45N65M5 Datasheet HTML 9Page - STMicroelectronics STFW45N65M5 Datasheet HTML 10Page - STMicroelectronics STFW45N65M5 Datasheet HTML 11Page - STMicroelectronics STFW45N65M5 Datasheet HTML 12Page - STMicroelectronics STFW45N65M5 Datasheet HTML 13Page - STMicroelectronics STFW45N65M5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STFW45N65M5, STW45N65M5, STWA45N65M5
10/18
DocID024049 Rev 2
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK is an ST trademark.


Similar Part No. - STFW45N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STFW45N65M5 ISC-STFW45N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STFW45N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW88N65M5 STMICROELECTRONICS-STW88N65M5 Datasheet
1Mb / 15P
   N-channel 650 V, 0.024 廓 typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
   N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
December 2013
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
   N-channel 950 V, 0.120 廓 typ., 38 A, MDmesh??DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
   N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
DS12313 - Rev 2 - July 2019
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
   N-channel 600 V, 32 m廓 typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STW40N90K5 STMICROELECTRONICS-STW40N90K5 Datasheet
779Kb / 14P
   N-channel 900 V, 0.088 ??typ., 40 A MDmesh??K5 Power MOSFETs in TO-247 and TO-247 long leads packages
November 2016 Rev 2
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
   N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
September 2015
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
   N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
September 2015
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
October 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com