Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

API9221 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # API9221
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button API9221_16 Datasheet HTML 2Page - Diodes Incorporated API9221_16 Datasheet HTML 3Page - Diodes Incorporated API9221_16 Datasheet HTML 4Page - Diodes Incorporated API9221_16 Datasheet HTML 5Page - Diodes Incorporated API9221_16 Datasheet HTML 6Page - Diodes Incorporated API9221_16 Datasheet HTML 7Page - Diodes Incorporated API9221_16 Datasheet HTML 8Page - Diodes Incorporated API9221_16 Datasheet HTML 9Page - Diodes Incorporated API9221_16 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
6 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Electrical Characteristics (Cont.)
API9221 is tested at VDC = VUSB = 5V at an ambient temperature of +25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIUSB
IUSB Pin Output Voltage
VBAT = 3.8V
1.22
1.25
1.28
V
IUSB_CHRG
VUSB Constant Current
RIUSB = 29.4kΩ,
VBAT = 2.7V to 3.8V
180
232
260
mA
IUSB_TRKL
VUSB Trickle Charge Current
RIUSB = 29.4kΩ,
VBAT = 2.2V and if
IUSB_CHRG ≤ IVDC_TRKL,
then given as a % of the
IUSB_CHRG
15
17
19
%
If IUSB_CHRG
IVDC_TRKL
-
IUSB_CHRG
-
%
IMIN
DC and USB End-of-Charge
Threshold
RMIN = 10kΩ
40
55
70
mA
PRECONDITIONING CHARGE THRESHOLD
VMIN
Preconditioning Charge
Threshold Voltage
-
2.5
2.6
2.7
V
RECHARGE THRESHOLD
VRCH
Recharge Threshold Voltage
-
3.8
3.9
4.0
V
PROTECTIONS
OVPVDC
VDC Overvoltage Level
-
6.7
6.9
7.1
V
HOVPVDC
VDC Overvoltage Hysteresis
-
-
240
340
mV
OVPVUSB
VUSB Overvoltage Level
-
5.3
5.4
5.55
V
HOVPVUSB
VUSB Overvoltage Hysteresis
-
-
150
200
mV
IOCP
Short Circuit (USB_BYP)
-
-
400
600
mA
BYPASS FETS
USB_RDS(ON)
Resistance VUSB to USB_BYP
Measured at 200mA,
4.3V < VDC < 5.3V
-
1.16
2.0
Ω
VUSBDO
Dropout VUSB to USB_BYP
IOUT = 150mA
VVUSB > 4.3V
-
200
-
mV


Similar Part No. - API9221_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
API9221FCG DIODES-API9221FCG Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
More results

Similar Description - API9221_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Intersil Corporation
ISL9221 INTERSIL-ISL9221 Datasheet
244Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Renesas Technology Corp
ISL9221 RENESAS-ISL9221 Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Shanghai Consonance Ele...
CN3062 CONSONANCE-CN3062 Datasheet
269Kb / 12P
   USB-Compatible Lithium Battery Charger
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com