Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3-DC9V Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # SF3-DC9V
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF3-DC9V Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  SF3-DC9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF3-DC9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF3-DC9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF3-DC9V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF3-DC9V Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF3-DC9V Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF3-DC9V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
263
SF
The table below shows the state of the other contacts when the current through the welded form “a” contact is 0 V and the rated volt-
age is applied through the form “b” contact.
Contact Operation Table
No.4
No.3
No.1
No.2
Contact No.
No.1
No.2
No.3
No.4
Terminal No.
11–12
7–8
5–6
9–10
State of other contacts
1234
Welded
terminal
No.
1
>0.5
2
>0.5
3
>0.5
>0.5
>0.5
4
>0.5
Note: Contact gaps are shown at the initial state.
If the contacts change state owing to loading/breaking
it is necessary to check the actual loading.
>0.5: contact gap is kept at min. 0.5 mm .020 inch
Empty cells: either closed or open
Contact No.
Contact No.
If the No. 3 contact welds.
Each of the two form “a” contacts (Nos. 1, 2, and
4) maintain a gap of greater than 0.5 mm .020
inch.
No.4
No.3
No.1
No.2
Non-energized
No.4
No.3
No.1
No.2
Energized (when no. 3 contact is welded)
When the form “a” contacts (nos. 1, 2, and 4) weld, the armature remains in a non-returned state and the contact gap at the single
form “b” contact is maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured.
Form “a” Contact Weld
If the No. 2 contact welds.
The single form “b” contact (No. 3) maintains a
gap of greater than 0.5 mm .020 inch.
No.4
No.3
No.1
No.2
Energized
No.4
No.3
No.1
No.2
Non-energized (when no. 2 contact is welded)
2) 3a1b Type
If the form “b” contact (No. 3) welds, the armature becomes non-operational, the contact gaps at the three form “a” contacts are
maintained at greater than 0.5 mm .020 inch. Reliable isolation is thus ensured
Form “b” Contact Weld


Similar Part No. - SF3-DC9V

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF3 RECTRON-SF3 Datasheet
423Kb / 5P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF3 RECTRON-SF3 Datasheet
372Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Arch Electronics Corp.
SF30 ARCH-SF30 Datasheet
260Kb / 4P
   Encapsulated DC-DC Converter
logo
Frontier Electronics.
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
   3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
   3A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF3-DC9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
   POLARISED, MONOSTABLE SAFETY RELAY
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
PHOENIX CONTACT
102381 PHOENIX-102381 Datasheet
185Kb / 4P
   Universal Safety Relay With Positively Driven Contacts
logo
WAGO Kontakttechnik Gmb...
788-109 WAGO-788-109 Datasheet
199Kb / 6P
   Relay socket; 2 changeover contacts; with manual operation;
logo
First Silicon Co., Ltd
NE555B FS-NE555B Datasheet
710Kb / 5P
   Astable or Monostable Operation
logo
Maxim Integrated Produc...
MAX20003EVKIT MAXIM-MAX20003EVKIT Datasheet
349Kb / 8P
   Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
logo
PHOENIX CONTACT
102987 PHOENIX-102987 Datasheet
347Kb / 7P
   Safety Relay as a Contact Extension Block With Off-Delay Contacts
102862 PHOENIX-102862 Datasheet
329Kb / 7P
   Safety Relay as a Contact Extension Block With Off-Delay Contacts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com