Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7361-28 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7361-28
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361-28 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7361-28 Datasheet HTML 5Page - Diodes Incorporated AP7361-28 Datasheet HTML 6Page - Diodes Incorporated AP7361-28 Datasheet HTML 7Page - Diodes Incorporated AP7361-28 Datasheet HTML 8Page - Diodes Incorporated AP7361-28 Datasheet HTML 9Page - Diodes Incorporated AP7361-28 Datasheet HTML 10Page - Diodes Incorporated AP7361-28 Datasheet HTML 11Page - Diodes Incorporated AP7361-28 Datasheet HTML 12Page - Diodes Incorporated AP7361-28 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AP7361
Document number: DS33626 Rev. 11 - 3
9 of 22
www.diodes.com
March 2017
© Diodes Incorporated
AP7361
Typical Performance Characteristics (cont.)
PSRR vs Frequency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Frequency(Hz)
10
100
1k
10k
100k
1M
PSRR vs Frequency
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
Frequency(Hz)
10
100
1k
10k
100k
1M
FB Reference Voltage vs Temperature
0.78
0.79
0.80
0.81
0.82
-50
-25
0
25
50
75
100
125
Temperature(℃)
Dropout Voltage vs Output Current
0
100
200
300
400
500
600
0
200
400
600
800
1000
Output Current(mA)
IOUT = 30mA
IOUT = 100mA
VIN = 3.5V +0.5VppAC
VOUT = 2.5V
COUT = 4.7μF
TA = +25°C
VOUT = 3.3V
85°C
-40°C
25°C
VIN = 4.3V
IOUT = 100mA
VIN = 4.3V +0.5VppAC
VOUT = 3.3V
COUT = 4.7μF
TA = +25°C
IOUT = 30mA
IOUT = 100mA


Similar Part No. - AP7361-28

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
More results

Similar Description - AP7361-28

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com