Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7361-XXD-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7361-XXD-13
Description  1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7361-XXD-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7361-XXD-13 Datasheet HTML 1Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 2Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 3Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 4Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 5Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 6Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 7Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 8Page - Diodes Incorporated AP7361-XXD-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AP7361
Document number: DS33626 Rev. 11 - 3
1 of 22
www.diodes.com
March 2017
© Diodes Incorporated
AP7361
1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Description
The AP7361 is a 1A, adjustable and fixed output voltage, ultra-low
dropout linear regulator with enable. The device includes pass
element, error amplifier, band-gap reference, current limit and thermal
shutdown circuitry. The device is turned on when the EN pin is set to
logic high level.
The characteristics of the low dropout voltage and low quiescent
current make it suitable for low to medium power applications, for
example, laptop computers, audio and video applications, and battery
powered devices. The typical quiescent current is approximately
70µA. Built-in current-limit and thermal-shutdown functions prevent
IC from damage in fault conditions.
The AP7361 is available in U-DFN3030-8, SOT89-5, SOT223, TO252
and SO-8EP package.
Features
Wide input voltage range: 2.2V - 6V
150mV Very Low Dropout at 300mA Load
500mV Very Low Dropout at 1A Load
Low Quiescent Current (IQ): 70µA Typical
Adjustable Output Voltage Range: 1V to 5.0V
Fixed Output Options: 1V to 3.3V
Very-Fast Transient Response
High PSRR
Accurate Voltage Regulation
Current Limiting and Short Circuit Protection
Thermal Shutdown Protection
Stable with Ceramic Output Capacitor
 2.2µF
Ambient Temperature Range -40°C to +85°C
U-DFN3030-8, SOT89-5, SOT223/SOT223R, TO252/TO252R
and SO-8EP
Available in “Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
SOT223/SOT223R
( Top View )
3
2
1
2
3
2
1
TO252/TO252R
( Top View )
IN
NC
NC
NC
EN
OUT
GND
NC
SO-8EP
(Top View)
8
7
6
5
1
2
3
4
Applications
Servers and Laptops
FPGA and DSP Core or I/O Power
TV, and Home Electrical Appliances
Battery-Powered Devices
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
GND
OUT
IN
NC
EN
NC
NC
U-DFN3030-8
ADJ/NC
GND
(Top View)
1
2
3
4
8
7
6
5
(Top View)
EN
GND
IN
OUT
ADJ/NC
GND
SOT89-5
5
4
3
2
1
NOT RECOMMENDED FOR NEW DESIGN - USE
AP7361C


Similar Part No. - AP7361-XXD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
More results

Similar Description - AP7361-XXD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361C DIODES-AP7361C Datasheet
1Mb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361EA DIODES-AP7361EA Datasheet
2Mb / 24P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
Rev. 2 - 2
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com