Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-14LM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SHM-14LM
Description  Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHM-14LM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SHM-14LM Datasheet HTML 1Page - List of Unclassifed Manufacturers SHM-14LM Datasheet HTML 2Page - List of Unclassifed Manufacturers SHM-14LM Datasheet HTML 3Page - List of Unclassifed Manufacturers SHM-14LM Datasheet HTML 4Page - List of Unclassifed Manufacturers SHM-14LM Datasheet HTML 5Page - List of Unclassifed Manufacturers SHM-14LM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SHM-14
®
®
1
2
3
4
6
7
8
9
10
11
12
13
20
15
16
14
19
18
17
5
0.95
(24.13)
1.10
(27.94)
0.85
(21.59)
0.100
(2.54)
INCHES
(mm)
0.43
(11)
0.13
(3.3)
0.018
(0.45)
(TOP VIEW)
1
2
3
4
6
7
8
9
10
11
12
13
20
15
16
14
19
18
17
5
R1
R3
R4
R5
R6
C1
C2
C3
C4
C5
C6
C7
(BOTTOM VIEW)
PLASTIC
STANDOFF
Figure 5. SHM-14 Evaluation Board Dimensions
SHM-14 Evaluation Board Connections
1
GROUND
2
GROUND
3
GROUND
4
GROUND
5
ANALOG OUTPUT
6
+5V SUPPLY
7
+5V SUPPLY
8
+5V SUPPLY
9
+5V SUPPLY
10
+5V SUPPLY
11
–5V SUPPLY
12
–5V SUPPLY
13
HOLD
14
SAMPLE
15
–5V SUPPLY
16
–5V SUPPLY
17
–5V SUPPLY
18
–5V SUPPLY
19
–5V SUPPLY
20
ANALOG INPUT
PIN
FUNCTION
5


Similar Part No. - SHM-14LM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-14LM MURATA-PS-SHM-14LM Datasheet
155Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-14LM DATEL-SHM-14LM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14LM DATEL-SHM-14LM Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
SHM-14LM-C DATEL-SHM-14LM-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-14LM-C DATEL-SHM-14LM-C Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
More results

Similar Description - SHM-14LM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-14 MURATA-PS-SHM-14 Datasheet
155Kb / 6P
   Ultra-Fast, 14-Bit Linear Monolithic Sample-Hold Amplifiers
logo
List of Unclassifed Man...
SHM-12 ETC-SHM-12 Datasheet
153Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-12 MURATA-PS-SHM-12 Datasheet
155Kb / 6P
   Ultra-Fast, 12-Bit Linear Monolithic Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-14 DATEL-SHM-14 Datasheet
250Kb / 5P
   14-Bit Linear Sample-Hold Amplifi er
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com