Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3772H Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3772H
Description  Low-Power Off-line Primary Side Regulation Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3772H Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3772H Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Datasheet
Low-Power Off-line Primary Side Regulation Controller
AP3772H
Dec. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VCC =15V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
UVLO SECTION
Startup Threshold
VTH (ST)
13
15.5
18
V
Minimal Operating Voltage
VOPR(MIN)
3
3.5
4.5
V
STANDBY CURRENT SECTION
Startup Current
IST
VCC=VTH (ST)-1V,
Before startup
0
0.2
0.6
µA
Operating Current
ICC(OPR)
Static current
250
500
600
µA
DRIVE OUTPUT SECTION
Output Current
Sink
ISINK
Apply 1V @ OUT pin
150
330
500
mA
Source
ISOURCE
30
40
50
mA
Maximum Off Time
tOFF(MAX)
14
18
25
ms
CURRENT SENSE SECTION
Current
Sense
Threshold
Voltage at Heavy Load
VCS1
500
525
550
mV
Leading Edge Blanking
tLEB
The
minimum
power
switch turn on time
300
500
650
ns
FEEDBACK INPUT SECTION
Input Resistance of FB Pin
RFB
VFB=4V
1
1.6
2
M
Feedback Threshold
VFB
3.98
4.04
4.1
V
LINE COMPENSATION SECTION
Line
Compensation
Transconductance (Note 2)
gm
0.8
1.2
1.6
µS
CABLE COMPENSATION SECTION
Cable
Compensation
Voltage
∆V
FB_CABLE
/VFB %
AP3772HA
5
6
7
%
AP3772HB
2
3
4
AP3772HC
0
DYNAMIC FUNCTION SECTION
Delay Time for Dynamic
Function
tD
110
150
200
µs
Trigger
Voltage
for
Dynamic Function
VTRIGGER
120
150
180
mV
PROTECTION SECTION
Over Voltage Protection
VFB(OVP)
7
8
9
V
Maximum
On
Time
of
Primary Side
tonp
(MAX)
20
35
50
µs
Note 2: Line compensation voltage on CS pin:
LINE
m
PRI
AUX
DC
IN
CS
R
g
R
R
R
N
N
V
V
+
=
7
6
6
_
Δ


Similar Part No. - AP3772H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776BMTR-G1 DIODES-AP3776BMTR-G1 Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776MTR-G1 DIODES-AP3776MTR-G1 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results

Similar Description - AP3772H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com