Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU7N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU7N80K5
Description  Zener-protected
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STU7N80K5 Datasheet HTML 1Page - STMicroelectronics STU7N80K5 Datasheet HTML 2Page - STMicroelectronics STU7N80K5 Datasheet HTML 3Page - STMicroelectronics STU7N80K5 Datasheet HTML 4Page - STMicroelectronics STU7N80K5 Datasheet HTML 5Page - STMicroelectronics STU7N80K5 Datasheet HTML 6Page - STMicroelectronics STU7N80K5 Datasheet HTML 7Page - STMicroelectronics STU7N80K5 Datasheet HTML 8Page - STMicroelectronics STU7N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID023448 Rev 5
3/21
STD7N80K5, STP7N80K5, STU7N80K5
Electrical ratings
21
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
6
A
ID
Drain current (continuous) at TC = 100 °C
3.8
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
24
A
PTOT
Total dissipation at TC = 25 °C
110
W
IAR
Max current during repetitive or single
pulse avalanche
(pulse width limited by Tjmax)
2A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
88
mJ
dv/dt (2)
2.
ISD ≤ 6 A, di/dt ≤ 100 A/µs, VDS(peak) ≤ V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
Tj
Operating junction temperature
-55 to 150
°C
Tstg
Storage temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
IPAK
Rthj-case
Thermal resistance junction-case max
1.14
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
100
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 2 Oz copper board.
Thermal resistance junction-pcb max
50
°C/W


Similar Part No. - STU7N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7N105K5 STMICROELECTRONICS-STU7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STU7N60M2 STMICROELECTRONICS-STU7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STU7N65M2 STMICROELECTRONICS-STU7N65M2 Datasheet
881Kb / 18P
   N-channel 650 V, 0.98 廓 typ., 5 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
May 2015 Rev 3
STU7N65M6 STMICROELECTRONICS-STU7N65M6 Datasheet
458Kb / 13P
   N-channel 650 V, 0.91 typ., 5 A, MDmeshTM M6 Power MOSFET in an IPAK package
October 2018 Rev 3
STU7NA80 STMICROELECTRONICS-STU7NA80 Datasheet
42Kb / 5P
   N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
More results

Similar Description - STU7N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com