Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFR32FG12P433F1024GL125-B Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFR32FG12P433F1024GL125-B
Description  EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32FG12P433F1024GL125-B Datasheet(HTML) 1 Page - Silicon Laboratories

  EFR32FG12P433F1024GL125-B Datasheet HTML 1Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 2Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 3Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 4Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 5Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 6Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 7Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 8Page - Silicon Laboratories EFR32FG12P433F1024GL125-B Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 183 page
background image
EFR32FG12 Flex Gecko Proprietary
Protocol SoC Family Data Sheet
The Flex Gecko proprietary protocol family of SoCs is part of the
Wireless Gecko portfolio. Flex Gecko SoCs are ideal for enabling
energy-friendly proprietary protocol networking for IoT devices.
The single-die solution provides industry-leading energy efficiency, ultra-fast wakeup
times, a scalable power amplifier, an integrated balun and no-compromise MCU fea-
tures.
Flex Gecko applications include:
KEY FEATURES
• 32-bit ARM® Cortex®-M4 core with 40
MHz maximum operating frequency
• Up to 1 MB of flash and 256 kB of RAM
• Pin-compatible with EFR32FG1 QFN48
devices (exceptions apply for 5V-tolerant
pins)
• 12-channel Peripheral Reflex System,
Low-Energy Sensor Interface & Multi-
channel Capacitive Sense Interface
• Autonomous Hardware Crypto Accelerator
and True Random Number Generator
• Integrated PA with up to 19 dBm transmit
power for 2.4 GHz and 20 dBm for Sub-
GHz radios
• Integrated balun for 2.4 GHz
• Robust peripheral set and up to 65 GPIO
• Home and Building Automation and Security
• Metering
• Electronic Shelf Labels
• Industrial Automation
• Commercial and Retail Lighting and Sensing
Timers and Triggers
Real Time
Counter and
Calendar
Cryotimer
Timer/Counter
Low Energy
Timer
Pulse Counter
Watchdog Timer
Protocol Timer
32-bit bus
Peripheral Reflex System
Serial
Interfaces
I/O Ports
Analog I/F
Lowest power mode with peripheral operational:
USART
Low Energy
UARTTM
I2C
External
Interrupts
General
Purpose I/O
Pin Reset
Pin Wakeup
ADC
VDAC
Analog
Comparator
EM3—Stop
EM2—Deep Sleep
EM1—Sleep
EM4—Hibernate
EM4—Shutoff
EM0—Active
Core / Memory
ARM CortexTM M4 processor
with DSP extensions and FPU
Energy Management
Brown-Out
Detector
DC-DC
Converter
Voltage
Regulator
Voltage Monitor
Power-On Reset
Other
CRYPTO
CRC
Clock Management
High Frequency
Crystal
Oscillator
Low Frequency
Crystal
Oscillator
Low Frequency
RC Oscillator
High Frequency
RC Oscillator
Ultra Low
Frequency RC
Oscillator
Auxiliary High
Frequency RC
Oscillator
Flash Program
Memory
RAM Memory
Debug Interface
with ETM
LDMA
Controller
Memory
Protection Unit
Capacitive Sense
Low Energy
Sensor Interface
Op-Amp
IDAC
True Random
Number Generator
Radio Transceiver
DEMOD
AGC
IFADC
RFSENSE
MOD
Frequency
Synthesizer
PGA
PA
I
Q
RF Frontend
LNA
RFSENSE
PA
I
Q
RF Frontend
LNA
To 2.4 GHz receive
I/Q mixers and PA
To Sub GHz
receive I/Q
mixers and PA
To Sub GHz
and 2.4 GHz PA
Sub GHz
2.4 GHz
BALUN
SMU
silabs.com | Building a more connected world.
Rev. 1.0


Similar Part No. - EFR32FG12P433F1024GL125-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12P433F1024GL125-C SILABS-EFR32FG12P433F1024GL125-C Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
More results

Similar Description - EFR32FG12P433F1024GL125-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG14 SILABS-EFR32FG14 Datasheet
2Mb / 163P
   EFR32FG14 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com