Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFR32BG12P332F1024GL125-B Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EFR32BG12P332F1024GL125-B
Description  EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG12P332F1024GL125-B Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EFR32BG12P332F1024GL125-B Datasheet HTML 2Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 3Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 4Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 5Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 6Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 7Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 8Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 9Page - Silicon Laboratories EFR32BG12P332F1024GL125-B Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 181 page
background image
1. Feature List
The EFR32BG12 highlighted features are listed below.
• Low Power Wireless System-on-Chip.
• High Performance 32-bit 40 MHz ARM Cortex®-M4 with
DSP instruction and floating-point unit for efficient signal
processing
• Embedded Trace Macrocell (ETM) for advanced debugging
• Up to 1024 kB flash program memory
• Up to 256 kB RAM data memory
• 2.4 GHz and Sub-GHz radio operation
• TX power up to 19 dBm
• Low Energy Consumption
• 10.0 mA RX current at 2.4 GHz (1 Mbps GFSK)
• 10.8 mA RX current at 2.4 GHz (250 kbps O-QPSK DSSS)
• 8.5 mA TX current @ 0 dBm output power at 2.4 GHz
• 70 μA/MHz in Active Mode (EM0)
• 1.5 μA EM2 DeepSleep current (16 kB RAM retention and
RTCC running from LFRCO)
• Wake on Radio with signal strength detection, preamble
pattern detection, frame detection and timeout
• High Receiver Performance
• -95.2 dBm sensitivity @ 1 Mbit/s GFSK
• -91.3 dBm sensitivity @ 2 Mbit/s GFSK
• -120.6 dBm sensitivity at 2.4 kbps GFSK (868 MHz)
• Supported Modulation Formats
• GFSK
• 2-FSK / 4-FSK with fully configurable shaping
• Shaped OQPSK / (G)MSK
• Configurable DSSS and FEC
• BPSK / DBPSK TX (OPNs supporting Sub-GHz)
• OOK / ASK (OPNs supporting Sub-GHz)
• Supported Protocols:
• Bluetooth® Low Energy (Bluetooth 5)
• Proprietary Protocols
• Wireless M-Bus (OPNs supporting Sub-GHz)
• Low Power Wide Area Networks (OPNs supporting Sub-
GHz)
• Support for Internet Security
• General Purpose CRC
• True Random Number Generator
• Hardware Cryptographic Acceleration for AES 128/256,
SHA-1, SHA-2 (SHA-224 and SHA-256) and ECC
• Wide selection of MCU peripherals
• 12-bit 1 Msps SAR Analog to Digital Converter (ADC)
• 2×Analog Comparator (ACMP)
• 2×Digital to Analog Converter (VDAC)
• 3×Operational Amplifier (Opamp)
• Digital to Analog Current Converter (IDAC)
• Low-Energy Sensor Interface (LESENSE)
• Multi-channel Capacitive Sense Interface (CSEN)
• Up to 54 pins connected to analog channels (APORT)
shared between analog peripherals
• Up to 65 General Purpose I/O pins with output state reten-
tion and asynchronous interrupts
• 8 Channel DMA Controller
• 12 Channel Peripheral Reflex System (PRS)
• 2×16-bit Timer/Counter
• 3 + 4 Compare/Capture/PWM channels
• 2×32-bit Timer/Counter
• 3 + 4 Compare/Capture/PWM channels
• 32-bit Real Time Counter and Calendar
• 16-bit Low Energy Timer for waveform generation
• 32-bit Ultra Low Energy Timer/Counter for periodic wake-up
from any Energy Mode
• 3×16-bit Pulse Counter with asynchronous operation
• 2×Watchdog Timer with dedicated RC oscillator
• 4×Universal Synchronous/Asynchronous Receiver/Trans-
mitter (UART/SPI/SmartCard (ISO 7816)/IrDA/I2S)
• Low Energy UART (LEUART)
• 2×I2C interface with SMBus support and address recogni-
tion in EM3 Stop
• Wide Operating Range
• 1.8 V to 3.8 V single power supply
• Integrated DC-DC, down to 1.8 V output with up to 200 mA
load current for system
• -40 °C to 85 °C
• QFN48 7x7 mm Package
• BGA125 7x7 mm Package
EFR32BG12 Blue Gecko Bluetooth ®Low Energy SoC Family Data Sheet
Feature List
silabs.com | Building a more connected world.
Rev. 1.0 | 1


Similar Part No. - EFR32BG12P332F1024GL125-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
8Mb / 960P
   EFR32xG1 Wireless Gecko Reference Manual
EFR32BG1 SILABS-EFR32BG1 Datasheet
656Kb / 17P
   EFR32BG 2.4 GHz 10.5 dBm Radio Board BRD4100A Reference Manual
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG13 SILABS-EFR32BG13 Datasheet
1Mb / 34P
   EFR32 Blue Gecko Bluetooth Starter Kit
Rev. 1.01
More results

Similar Description - EFR32BG12P332F1024GL125-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
   EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com