Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFR32BG1B232F256GM32-C0 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFR32BG1B232F256GM32-C0
Description  EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG1B232F256GM32-C0 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFR32BG1B232F256GM32-C0 Datasheet HTML 1Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 2Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 3Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 4Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 5Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 6Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 7Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 8Page - Silicon Laboratories EFR32BG1B232F256GM32-C0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 163 page
background image
3.9.4 Digital to Analog Current Converter (IDAC) ...................11
3.10 Reset Management Unit (RMU) .......................11
3.11 Core and Memory ............................11
3.11.1 Processor Core ............................11
3.11.2 Memory System Controller (MSC) ......................11
3.11.3 Linked Direct Memory Access Controller (LDMA) .................11
3.12 Memory Map ..............................12
3.13 Configuration Summary ..........................13
4. Electrical Specifications
.......................... 14
4.1 Electrical Characteristics ..........................14
4.1.1 Absolute Maximum Ratings
........................15
4.1.2 Operating Conditions ...........................17
4.1.2.1 General Operating Conditions .......................17
4.1.3 Thermal Characteristics ..........................18
4.1.4 DC-DC Converter ............................19
4.1.5 Current Consumption...........................21
4.1.5.1 Current Consumption 3.3 V without DC-DC Converter ...............21
4.1.5.2 Current Consumption 3.3 V using DC-DC Converter
...............22
4.1.5.3 Current Consumption 1.85 V without DC-DC Converter
..............24
4.1.5.4 Current Consumption Using Radio
.....................25
4.1.6 Wake up times .............................27
4.1.7 Brown Out Detector ...........................27
4.1.8 Frequency Synthesizer Characteristics .....................28
4.1.9 2.4 GHz RF Transceiver Characteristics ....................29
4.1.9.1 RF Transmitter General Characteristics for the 2.4 GHz Band ............29
4.1.9.2 RF Receiver General Characteristics for the 2.4 GHz Band .............30
4.1.9.3 RF Transmitter Characteristics for Bluetooth Smart in the 2.4 GHz Band .........31
4.1.9.4 RF Receiver Characteristics for Bluetooth Smart in the 2.4 GHz Band..........33
4.1.9.5 RF Transmitter Characteristics for 802.15.4 O-QPSK DSSS in the 2.4 GHz Band ......35
4.1.9.6 RF Receiver Characteristics for 802.15.4 O-QPSK DSSS in the 2.4 GHz Band.......38
4.1.10 Sub-GHz RF Transceiver Characteristics
...................40
4.1.10.1 Sub-GHz RF Transmitter Characteristics in the 915 MHz Band
...........41
4.1.10.2 Sub-GHz RF Receiver Characteristics in the 915 MHz Band ............45
4.1.10.3 Sub-GHz RF Transmitter Characteristics in the 868 MHz Band
...........48
4.1.10.4 Sub-GHz RF Receiver Characteristics in the 868 MHz Band ............49
4.1.10.5 Sub-GHz RF Transmitter Characteristics in the 490 MHz Band
...........51
4.1.10.6 Sub-GHz RF Receiver Characteristics in the 490 MHz Band ............52
4.1.10.7 Sub-GHz RF Transmitter Characteristics in the 433 MHz Band
...........54
4.1.10.8 Sub-GHz RF Receiver Characteristics in the 433 MHz Band ............57
4.1.10.9 Sub-GHz RF Transmitter Characteristics in the 315 MHz Band
...........60
4.1.10.10 Sub-GHz RF Receiver Characteristics in the 315 MHz Band ............63
4.1.10.11 Sub-GHz RF Transmitter Characteristics in the 169 MHz Band ...........65
4.1.10.12 Sub-GHz RF Receiver Characteristics in the 169 MHz Band ............66
4.1.11 Modem Features ............................67
4.1.12 Oscillators ..............................68
4.1.12.1 LFXO ...............................68
4.1.12.2 HFXO ...............................69
4.1.12.3 LFRCO ..............................69
4.1.12.4 HFRCO and AUXHFRCO ........................70
silabs.com | Building a more connected world.
Rev. 1.1


Similar Part No. - EFR32BG1B232F256GM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1B232F256GM32-C0 SILABS-EFR32BG1B232F256GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B232F256GM32-C0 SILABS-EFR32BG1B232F256GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B232F256GM32-C0R SILABS-EFR32BG1B232F256GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B232F256GM32-C0R SILABS-EFR32BG1B232F256GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32BG1B232F256GM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1V132F256 SILABS-EFR32BG1V132F256 Datasheet
1Mb / 94P
   ConfidentialEFR32BG1 Blue Gecko Bluetooth짰 Smart SoC CSP Family
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG12P232F SILABS-EFR32BG12P232F Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com