Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFR32BG1B232F256GJ43-C0 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFR32BG1B232F256GJ43-C0
Description  ConfidentialEFR32BG1 Blue Gecko Bluetooth짰 Smart SoC CSP Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG1B232F256GJ43-C0 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFR32BG1B232F256GJ43-C0 Datasheet HTML 6Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 7Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 8Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 9Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 10Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 11Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 12Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 13Page - Silicon Laboratories EFR32BG1B232F256GJ43-C0 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
3.9.3 Analog to Digital Converter (ADC)
The ADC is a Successive Approximation Register (SAR) architecture, with a resolution of up to 12 bits at up to 1 Msps. The output
sample resolution is configurable and additional resolution is possible using integrated hardware for averaging over multiple samples.
The ADC includes integrated voltage references and an integrated temperature sensor. Inputs are selectable from a wide range of
sources, including pins configurable as either single-ended or differential.
3.9.4 Digital to Analog Current Converter (IDAC)
The Digital to Analog Current Converter can source or sink a configurable constant current. This current can be driven on an output pin
or routed to the selected ADC input pin for capacitive sensing. The full-scale current is programmable between 0.05 µA and 64 µA with
several ranges consisting of various step sizes.
3.10 Reset Management Unit (RMU)
The RMU is responsible for handling reset of the EFR32BG1. A wide range of reset sources are available, including several power
supply monitors, pin reset, software controlled reset, core lockup reset, and watchdog reset.
3.11 Core and Memory
3.11.1 Processor Core
The ARM Cortex-M processor includes a 32-bit RISC processor integrating the following features and tasks in the system:
• ARM Cortex-M4 RISC processor achieving 1.25 Dhrystone MIPS/MHz
• Memory Protection Unit (MPU) supporting up to 8 memory segments
• Up to 256 kB flash program memory
• Up to 32 kB RAM data memory
• Configuration and event handling of all modules
• 2-pin Serial-Wire debug interface
3.11.2 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the microcontroller. The flash memory is readable and writable
from both the Cortex-M and DMA. The flash memory is divided into two blocks; the main block and the information block. Program code
is normally written to the main block, whereas the information block is available for special user data and flash lock bits. There is also a
read-only page in the information block containing system and device calibration data. Read and write operations are supported in en-
ergy modes EM0 Active and EM1 Sleep.
3.11.3 Linked Direct Memory Access Controller (LDMA)
The Linked Direct Memory Access (LDMA) controller features 8 channels capable of performing memory operations independently of
software. This reduces both energy consumption and software workload. The LDMA allows operations to be linked together and stag-
ed, enabling sophisticated operations to be implemented.
EFR32BG1 Blue Gecko Bluetooth® Smart SoC CSP Family Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 1.1 | 9


Similar Part No. - EFR32BG1B232F256GJ43-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1B232F256GM32-B0 SILABS-EFR32BG1B232F256GM32-B0 Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1B232F256GM32-C0 SILABS-EFR32BG1B232F256GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B232F256GM32-C0 SILABS-EFR32BG1B232F256GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B232F256GM32-C0 SILABS-EFR32BG1B232F256GM32-C0 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1B232F256GM32-C0R SILABS-EFR32BG1B232F256GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32BG1B232F256GJ43-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG21 SILABS-EFR32BG21 Datasheet
864Kb / 72P
   EFR32BG21 Blue Gecko Wireless SoC Family
Rev. 1.1
EFR32FG25 SILABS-EFR32FG25 Datasheet
2Mb / 167P
   EFR32FG25 Gecko Wireless SoC Family
Rev. 1.0
EFR32BG22 SILABS-EFR32BG22 Datasheet
1Mb / 101P
   EFR32BG22 Wireless Gecko SoC Family
EFR32BG21B SILABS-EFR32BG21B Datasheet
1Mb / 83P
   EFR32BG21B Gecko Wireless SoC Family
Rev. 1.0
EFR32FG22 SILABS-EFR32FG22 Datasheet
1Mb / 89P
   EFR32FG22 Wireless Gecko SoC Family
Rev. 1.2
EFR32FG12 SILABS-EFR32FG12 Datasheet
3Mb / 225P
   EFR32FG12 Gecko Proprietary Protocol SoC Family
Rev. 1.8
EFR32MG21B SILABS-EFR32MG21B Datasheet
1Mb / 86P
   EFR32MG21B Gecko Multiprotocol Wireless SoC Family
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com