Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMW006R Datasheet(PDF) 8 Page - Silicon Laboratories

Part # AMW006R
Description  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006R Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button AMW006R Datasheet HTML 4Page - Silicon Laboratories AMW006R Datasheet HTML 5Page - Silicon Laboratories AMW006R Datasheet HTML 6Page - Silicon Laboratories AMW006R Datasheet HTML 7Page - Silicon Laboratories AMW006R Datasheet HTML 8Page - Silicon Laboratories AMW006R Datasheet HTML 9Page - Silicon Laboratories AMW006R Datasheet HTML 10Page - Silicon Laboratories AMW006R Datasheet HTML 11Page - Silicon Laboratories AMW006R Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical Specifications, Section 3
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 4
Environmental Conditions
Table 4. Recommended Environmental Conditions
Characteristic
Note
Min
Max
Unit
Ambient Temperature
Limited by WLAN chip specification
-30
+85
°C
Relative Humidity
Non-condensing (operating)
85
%
3.3 Power Consumption
Table 5. Power consumption (VDD_3V3, VDD_WIFI, VBAT @ 3.3V)
Operational State
Note
Typ1
Max1
Max1
Unit
TA =
25°C
TA =
85°C
VBAT7
MCU VBAT Mode, RTC on, Wi-Fi powered off
0.97
3.0
µA
Standby7
MCU Standby Mode, RTC on, Wi-Fi powered off
3.8
5.0
17.0
µA
Stop3, 7
MCU Stop Mode, Wi-Fi powered off
10
28
230
µA
Wi-Fi Powersave2,3
MCU Stop mode, Wi-Fi in powersave
0.77
mA
Active Receive2,3,4
MCU Stop mode, Wi-Fi active receive
5.7
mA
Active Transmit2,3,5
MCU Stop mode, Wi-Fi active transmit
11.4
mA
Wi-Fi Tx Test Mode6
MCU Stop mode, Wi-Fi active transmit
320
mA
Notes:
1. Total combined current consumed by all power supplies: VBAT, VDD_3V3, VDD_WIFI.
2. 802.11 beacon Interval = 102.4ms, DTIM=3, Beacon Duration = 1ms @ 1Mbps.
3. MCU Stop Mode with 113µs wakeup latency (flash in deep power down mode), VDD_WIFI = 0V
4. Average current receiving 1Mbit/s UDP at 802.11n MCS7
5. Average current transmitting 1Mbit/s UDP at 802.11n MCS7
6. Wi-Fi Transmitting at +18dBm CCK 11Mbit/s with maximum duty cycle
7. Hardware capability; minimum power consumption is dependent on WiConnect version and external compo-
nents connected to AMWx06 pins


Similar Part No. - AMW006R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW006 SILABS-AMW006 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
AMW006-A1U SILABS-AMW006-A1U Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1W SILABS-AMW006-A1W Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1X SILABS-AMW006-A1X Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
More results

Similar Description - AMW006R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT10052 WPI-WPANT10052 Datasheet
154Kb / 3P
   Vertically Polarized Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com