Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS002-E03 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AMS002-E03
Description  Embedded Bluetooth Low Energy Solutions
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMS002-E03 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AMS002-E03 Datasheet HTML 6Page - Silicon Laboratories AMS002-E03 Datasheet HTML 7Page - Silicon Laboratories AMS002-E03 Datasheet HTML 8Page - Silicon Laboratories AMS002-E03 Datasheet HTML 9Page - Silicon Laboratories AMS002-E03 Datasheet HTML 10Page - Silicon Laboratories AMS002-E03 Datasheet HTML 11Page - Silicon Laboratories AMS002-E03 Datasheet HTML 12Page - Silicon Laboratories AMS002-E03 Datasheet HTML 13Page - Silicon Laboratories AMS002-E03 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AMS00x • Embedded Bluetooth Low Energy Solution
Bluetooth RF Specifications, Section 4
ADS-MS00x-107R • Preliminary Data Sheet
Page | 6
©2014-2015 ACKme Networks. http://ack.me
September 14, 2015
4 Bluetooth RF Specifications
Unless otherwise stated, the specifications in this section apply when the operating conditions are within the limits
specified in Section 3.2, Recommended Operating Conditions. Functional operation outside these limits is not guar-
anteed.
All specifications are measured with a coax pigtail soldered to the PCB antenna feed point, with VDD = 3.0V and at a
room temperature of 25°C.
4.1 Summary RF Specifications
Table 8. Summary RF Specifications
Feature Supported
Description
Bluetooth Standard
Version 4.1
Frequency Band
2.400 GHz – 2.500 GHz
Channels (2MHz spacing)
3 x Advertising channels @ 2402 / 2426 / 2480 MHz
36 x Data channels
Maximum Raw Data Rate
1 Mbit/s
Maximum Application Data Rate
0.27 Mbit/s
Modulation Type
DSSS: GFSK (modulation index = 0.5)
Maximum RF Input
-10 dBm
Typical Receive Sensitivity
-94 dBm
Maximum RF Tx Output Power
+4 dBm
Carrier Frequency Accuracy
±20 ppm (24 MHz crystal, ±20 ppm stability @ 25°C)
4.2 Receiver Specifications
Table 9. Receiver Performance Specifications
Parameter
Condition/Notes
Min.
Typical
Max.
Unit
Frequency Range
2402
2480
MHz
Operating Temperature
-30
+85
°C
Receive Sensitivity
200 x 37-byte packets with 30.8% PER
-94
dBm
Maximum Receive Level
-10
dBm


Similar Part No. - AMS002-E03

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AMS002-R SILABS-AMS002-R Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
AMS002-S SILABS-AMS002-S Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
More results

Similar Description - AMS002-E03

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
   Embedded Bluetooth Low Energy Solutions
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
logo
Shenzhen Lanke Xuntong ...
PTR5518 XUNTONG-PTR5518 Datasheet
339Kb / 6P
   Coin-size Bluetooth Low Energy System on Module Embedded Cortex
logo
STMicroelectronics
STLBC01 STMICROELECTRONICS-STLBC01 Datasheet
1Mb / 40P
   Bluetooth low energy controller
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
   Bluetooth Low Energy modul
logo
Asahi Kasei Microsystem...
AK1594 AKM-AK1594 Datasheet
1Mb / 52P
   Bluetooth Low Energy transmitter
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com