Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # SF3
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF3 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  SF3 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF3 Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
259
SF
TYPES AND COIL DATA (at 20°C 68°F)
Contact
arrangement
Part No.
Nominal
voltage, V DC
Pick-up
voltage, VDC
(max.)
Drop-out
voltage, V DC
(min.)
Coil
resistance
Ω (±10%)
Nominal
operating
current,
mA(
±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
SF2
SF2-DC5V
5
3.75
0.5
50
100
500
6
SF2-DC9V
9
6.75
0.9
500
10.8
SF2-DC12V
12
9
1.2
288
41.7
500
14.4
SF2-DC18V
18
13.5
1.8
500
21.6
SF2-DC21V
21
15.75
2.1
500
25.2
SF2-DC24V
24
14.4
2.4
1.152
20.8
500
28.8
SF2-DC36V
36
27
3.6
500
43.2
SF2-DC48V
48
36
4.8
4.608
10.4
500
57.6
SF2-DC60V
60
45
6.0
7.200
8.3
500
72
SF3
SF3-DC5V
5
3.75
0.5
50
100
500
6
SF3-DC9V
9
6.75
0.9
500
10.8
SF3-DC12V
12
9
1.2
288
41.7
500
14.4
SF3-DC18V
18
13.5
1.8
500
21.6
SF3-DC21V
21
15.75
2.1
500
25.2
SF3-DC24V
24
14.4
2.4
1.152
20.8
500
28.8
SF3-DC36V
36
27
3.6
500
43.2
SF3-DC48V
48
36
4.8
4.608
10.4
500
57.6
SF3-DC60V
60
45
6.0
7.200
8.3
500
72
SF4
SF4-DC5V
5
3.75
0.75
50
100
500
6
SF4-DC9V
9
6.75
0.9
500
10.8
SF4-DC12V
12
9
1.8
288
41.7
500
14.4
SF4-DC18V
18
13.5
1.8
500
21.6
SF4-DC21V
21
15.75
2.1
500
25.2
SF4-DC24V
24
14.4
3.6
1.152
20.8
500
28.8
SF4-DC36V
36
27
3.6
500
43.2
SF4-DC48V
48
36
7.2
4.608
10.4
500
57.6
SF4-DC60V
60
45
9.0
7.200
8.3
500
72
DIMENSIONS
1) SF2
12.7
.500
53.3
±0.3
2.098
±.012
12.7
.500
12.7
.500
5.08
.200
6
58
7
10
9
1
2
12
11
16
±0.3
.630
±.012
12.7
.500
3.5
±0.3
.138
±.012
0.5
.020
25.0
.984
7.62
.300
5
1
2
678
9
101112
2.54
.100
2.54
.100
10-1.4 DIA. HOLES
10-.055 DIA. HOLES
General tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ± .004
Schematic (Bottom view)
mm inch


Similar Part No. - SF3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF3 RECTRON-SF3 Datasheet
423Kb / 5P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF3 RECTRON-SF3 Datasheet
372Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Arch Electronics Corp.
SF30 ARCH-SF30 Datasheet
260Kb / 4P
   Encapsulated DC-DC Converter
logo
Frontier Electronics.
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
   3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
   3A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF3

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
   POLARISED, MONOSTABLE SAFETY RELAY
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
PHOENIX CONTACT
102381 PHOENIX-102381 Datasheet
185Kb / 4P
   Universal Safety Relay With Positively Driven Contacts
logo
WAGO Kontakttechnik Gmb...
788-109 WAGO-788-109 Datasheet
199Kb / 6P
   Relay socket; 2 changeover contacts; with manual operation;
logo
First Silicon Co., Ltd
NE555B FS-NE555B Datasheet
710Kb / 5P
   Astable or Monostable Operation
logo
Maxim Integrated Produc...
MAX20003EVKIT MAXIM-MAX20003EVKIT Datasheet
349Kb / 8P
   Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
logo
PHOENIX CONTACT
102987 PHOENIX-102987 Datasheet
347Kb / 7P
   Safety Relay as a Contact Extension Block With Off-Delay Contacts
102862 PHOENIX-102862 Datasheet
329Kb / 7P
   Safety Relay as a Contact Extension Block With Off-Delay Contacts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com