Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4463C-915-PDK Datasheet(PDF) 11 Page - Silicon Laboratories

Part # 4463C-915-PDK
Description  HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4463C-915-PDK Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button 4463C-915-PDK Datasheet HTML 7Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 8Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 9Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 10Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 11Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 12Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 13Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 14Page - Silicon Laboratories 4463C-915-PDK Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Si4464/63/61/60
Rev 1.2
11
Table 5. Auxiliary Block Specifications1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Temperature Sensor
Sensitivity2
TSS
4.5
ADC
Codes/
°C
Low Battery Detector
Resolution
LBDRES
—50
mV
Microcontroller Clock
Output Frequency Range3
FMC
Configurable to Fxtal or Fxtal
divided by 2, 3, 7.5, 10, 15, or
30 where Fxtal is the reference
XTAL frequency. In addition,
32.768 kHz is also supported.
32.768K
Fxtal
Hz
Temperature Sensor
Conversion2
TEMPCT
Programmable setting
3
ms
XTAL Range4
XTALRange
25
32
MHz
30 MHz XTAL Start-Up Time
t30M
Using XTAL and board layout in
reference design. Start-up time
will vary with XTAL type and
board layout.
250
µs
30 MHz XTAL Cap
Resolution2
30MRES
—70
fF
32 kHz XTAL Start-Up Time2
t32k
—2
sec
32 kHz Accuracy using
Internal RC Oscillator2
32KRCRES
2500
ppm
POR Reset Time
tPOR
——
5
ms
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Qualification Test Conditions" section in "1.1.
Definition of Test Conditions" on page 14.
3.
Microcontroller clock frequency tested in production at 1 MHz, 30 MHz and 32.768 kHz. Other frequencies tested in
bench characterization.
4.
XTAL Range tested in production using an external clock source (similar to using a TCXO).


Similar Part No. - 4463C-915-PDK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4463C-915-PDK SILABS-4463C-915-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
More results

Similar Description - 4463C-915-PDK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com