Electronic Components Datasheet Search |
|
SR1210MK-071RL Datasheet(PDF) 2 Page - YAGEO Corporation |
|
SR1210MK-071RL Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 8 page Chip Resistor Surface Mount www.yageo.com Nov. 11, 2016 V.5 Product specification 2 8 SERIES SR 0402/0603/0805/1206/1210/1218/2010/2512 ORDERING INFORMATION - GLOBAL PART NUMBER Part number is identified by the series name, size, tolerance, packaging type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes SR0402 to SR2512 chip resistors with lead-free terminations made by thick film process. APPLICATIONS Telecommunications Power supplies Car electronics FEATURES AEC-Q200 qualified Superior to SR series in pulse withstanding voltage and surge withstanding voltage. MSL class: MSL 1 Halogen free epoxy RoHS compliant - Products with lead-free terminations meet RoHS requirements - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS Reduce environmentally hazardous waste High component and equipment reliability ORDERING EXAMPLE The ordering code for an SR0805 chip resistor, value 10 KΩ with ±5% tolerance, supplied in 7-inch tape reel is: SR0805JR-0710KL. GLOBAL PART NUMBER SR XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 (2) TOLERANCE J = ± 5% K = ± 10% M = ± 20% (3) PACKAGING TYPE R = Paper taping reel K = Embossed taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Based on spec. (5) TAPING REEL 07 = 7 inch dia. Reel 7W = 7 inch dia. Reel & 2 x standard power 13 = 13 inch dia. Reel 7T = 7 inch dia. Reel & 3 x standard power (6) RESISTANCE VALUE 1 Ω ≤ R ≤ 100 KΩ There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. Detailed coding rules of resistance are shown in the table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is the system default code for ordering only. (Note) Resistance rule of global part number Resistance coding rule Example XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XXKX (10 to 97.6 KΩ) 10K = 10,000 Ω 97K6= 976,000 Ω XXXK (100 KΩ) 100K = 100,000 Ω |
Similar Part No. - SR1210MK-071RL |
|
Similar Description - SR1210MK-071RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |