Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3154AFG-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3154AFG-7
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3154AFG-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3154AFG-7 Datasheet HTML 6Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 7Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 8Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 9Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 10Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 11Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 12Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 13Page - Diodes Incorporated AP3154AFG-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP3154A
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154A Rev. 2-4
11 of 14
DECEMBER 2014
www.diodes.com
© Diodes Incorporated
Serial Digital Interface
(Continued)
Marking Information
(1) DFN3030-12
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
( Top View )
X : A~Z : Green
Y W X
XX
XX : F9 : AP3154A
z : represents 52 and 53
a~z : 27~52 week;
Part Number
Package
Identification Code
AP3154A
DFN3030-12
F9


Similar Part No. - AP3154AFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3154AFG-7 DIODES-AP3154AFG-7 Datasheet
189Kb / 2P
   Small LCD screen backlighting charge pump LED drivers
More results

Similar Description - AP3154AFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 DIODES-AP3152 Datasheet
581Kb / 11P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152 Rev. 1
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com