Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LET9070CB Datasheet(PDF) 4 Page - STMicroelectronics

Part # LET9070CB
Description  Excellent thermal stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9070CB Datasheet(HTML) 4 Page - STMicroelectronics

  LET9070CB Datasheet HTML 1Page - STMicroelectronics LET9070CB Datasheet HTML 2Page - STMicroelectronics LET9070CB Datasheet HTML 3Page - STMicroelectronics LET9070CB Datasheet HTML 4Page - STMicroelectronics LET9070CB Datasheet HTML 5Page - STMicroelectronics LET9070CB Datasheet HTML 6Page - STMicroelectronics LET9070CB Datasheet HTML 7Page - STMicroelectronics LET9070CB Datasheet HTML 8Page - STMicroelectronics LET9070CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
LET9070CB
4/14
DocID023782 Rev 2
2
Electrical characteristics
(T
C
= 25 °C)
Table 4. Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
V
GS
= 0; I
DS
= 10 mA
80
V
I
DSS
V
GS
= 0; V
DS
= 28 V
1
μA
I
GSS
V
GS
= 5; V
DS
= 0
1
μA
V
GS(Q)
V
DS
= 28; I
D
= 100 mA
2.0
5.0
V
V
DS(ON)
V
GS
= 10 V; I
D
= 3 A
0.8
1.2
V
G
FS
V
DS
= 10 V; I
D
= 3 A
2.5
mho
C
ISS
V
GS
= 0; V
DS
= 28 V; f = 1 MHz
78
pF
C
OSS
V
GS
= 0; V
DS
= 28 V; f = 1 MHz
42
pF
C
RSS
V
GS
= 0; V
DS
= 28 V; f = 1 MHz
2.7
pF
Table 5. Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
P
OUT
V
DD
= 28 V; I
DQ
= 400 mA; P
IN
= 2.5 W; f = 945 MHz
70
80
W
G
PS
V
DD
= 28 V; I
DQ
= 400 mA; P
OUT
= 70 W; f = 945 MHz
17
dB
h
D
V
DD
= 28 V; I
DQ
= 400 mA; P
IN
= 2.5 W; f = 945 MHz
60
65
%
Load
mismatch
V
DD
= 35 V; I
DQ
= 400 mA; P
OUT
= 100 W; f = 945 MHz
All phase angles
20:1
VSWR


Similar Part No. - LET9070CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9002 STMICROELECTRONICS-LET9002 Datasheet
40Kb / 4P
   RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
April, 15 2003
LET9006 STMICROELECTRONICS-LET9006 Datasheet
40Kb / 4P
   RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package
LET9045 STMICROELECTRONICS-LET9045 Datasheet
217Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
April 2009 Rev 1
LET9045C STMICROELECTRONICS-LET9045C Datasheet
206Kb / 10P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
LET9045F STMICROELECTRONICS-LET9045F Datasheet
202Kb / 10P
   RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
April 2011 Rev 3
More results

Similar Description - LET9070CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com