Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C752BIBS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C752BIBS
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752BIBS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C752BIBS Datasheet HTML 7Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 8Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 9Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 10Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 11Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 12Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 13Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 14Page - NXP Semiconductors SC16C752BIBS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
11 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.3.3
Software flow control example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are
using software flow control with single character Xoff (0F) and Xon (0D) tokens. Both
have Xoff threshold (TCR[3:0] = F) set to 60, and Xon threshold (TCR[7:4] = 8) set to
32. Both have the interrupt receive threshold (TLR[7:4] = D) set to 52.
UART 1 begins transmission and sends 52 characters, at which point UART2 will
generate an interrupt to its processor to service the RCV FIFO, but assume the
interrupt latency is fairly long. UART1 will continue sending characters until a total of
60 characters have been sent. At this time, UART2 will transmit a 0F to UART1,
informing UART1 to halt transmission. UART1 will likely send the 61st character while
UART2 is sending the Xoff character. Now UART2 is serviced and the processor
reads enough data out of the RX FIFO that the level drops to 32. UART2 will now
send a 0D to UART1, informing UART1 to resume transmission.
Fig 7.
Software flow control example.
TRANSMIT FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon-1 WORD
Xon-2 WORD
Xoff-1 WORD
Xoff-2 WORD
RECEIVE FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon-1 WORD
Xon-2 WORD
Xoff-1 WORD
Xoff-2 WORD
UART2
UART1
002aaa229
data
Xoff–Xon–Xoff
compare
programmed
Xon-Xoff
characters


Similar Part No. - SC16C752BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752BIBS NXP-SC16C752BIBS Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C752BIBS NXP-SC16C752BIBS Datasheet
1,019Kb / 47P
   5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
More results

Similar Description - SC16C752BIBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C752B NXP-SC16C752B_10 Datasheet
1,019Kb / 47P
   5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC68C752B PHILIPS-SC68C752B Datasheet
236Kb / 49P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com