Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3102VMTR-G1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3102VMTR-G1
Description  GREEN MODE PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102VMTR-G1 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3102VMTR-G1 Datasheet HTML 1Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP3102VMTR-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
2 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Typical Applications Circuit
R11
5.1 k
C8 0.1
F
C3
47
F
R12
4.7 k
R10
20 k
C2
2nF
R7
R4 20
R3
3.9
R13
620
R6
0.55
Q1
7N60
BD1
R2
100k
12V/3A
J2
J1
C1
100
F
1
2
4
3
U2 P817
Q2
AZ431
D2
D1
FR107
R8 27k
R1
2M
C7
470
F
L2
8
H
D3
C 10
1000
F
T
C9
1nF
R9 10
ADJ
5
SENSE
6
B OK
3
RI
4
GATE
8
VCC
7
FB
2
GND
1
U1
AP3102
10 M
82k
3.3 F
C4
CX1
D4
6.8nF
10nF
R4
R5
CY
C5
C6
0.1
F
C9
VCB
18 k
1 k
R14
For AP3102
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Signal ground. Current return for driver and control circuits
2
FB
Feedback. Directly connected to the opto-coupler
3
BOK
Brownout Protection Pin. Connected to a resistor divider from the ground to bulk capacitor
for setting the brownout level and line compensation. When the voltage of this pin is lower
than 0.5V and lasts 35ms, the PWM signal will be off and system enters the auto
recoverable protection mode (hiccup mode). Moreover, this pin is also applied for line OVP
(trigger level is 4V) and line compensation (compensate the current sense for over load
protection.)
4
RI
Set the bias current to determine the normal switching frequency
5
ADJ
To adjust the level of skip cycle. When its value is greater than 4.5V, the system will be
latched
6
SENSE
Current sense
7
VCC
Supply voltage of driver and control circuits
8
GATE
Gate driver output


Similar Part No. - AP3102VMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102VMTR-G1 BCDSEMI-AP3102VMTR-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AP3102VMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3102M-G1 BCDSEMI-AP3102M-G1 Datasheet
1Mb / 17P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST8835 STANSON-ST8835 Datasheet
816Kb / 13P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3127 DIODES-AP3127 Datasheet
441Kb / 13P
   GREEN MODE PWM CONTROLLER
logo
Bookly Micro electronic
BM0853 BOOKLY-BM0853 Datasheet
972Kb / 11P
   Green-Mode PWM Controller
logo
SYNC POWER Crop.
SP6850 SYNC-POWER-SP6850 Datasheet
258Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3101 DIODES-AP3101 Datasheet
378Kb / 12P
   GREEN MODE PWM CONTROLLER
logo
Stanson Technology
ST6850 STANSON-ST6850 Datasheet
137Kb / 10P
   Green-Mode PWM Controller
logo
Diodes Incorporated
AP3125B DIODES-AP3125B Datasheet
479Kb / 12P
   GREEN MODE PWM CONTROLLER
AP31251 DIODES-AP31251 Datasheet
412Kb / 13P
   GREEN MODE PWM CONTROLLER
Rev. 2 - 2 December 2019
logo
List of Unclassifed Man...
LD7550 ETC1-LD7550 Datasheet
216Kb / 10P
   Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com