Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2674I-14DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2674I-14DR
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2674I-14DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2674I-14DR Datasheet HTML 5Page - Texas Instruments OPA2674I-14DR Datasheet HTML 6Page - Texas Instruments OPA2674I-14DR Datasheet HTML 7Page - Texas Instruments OPA2674I-14DR Datasheet HTML 8Page - Texas Instruments OPA2674I-14DR Datasheet HTML 9Page - Texas Instruments OPA2674I-14DR Datasheet HTML 10Page - Texas Instruments OPA2674I-14DR Datasheet HTML 11Page - Texas Instruments OPA2674I-14DR Datasheet HTML 12Page - Texas Instruments OPA2674I-14DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
OPA2674
SBOS270C − AUGUST 2003 − REVISED AUGUST 2008
www.ti.com
9
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
10
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
100
1k
Single Channel, See Figure 1
V
O =2VPP
f= 5MHz
2nd−Harmonic
3rd−Harmonic
2−TONE, 3rd−ORDER SPURIOUS LEVEL
Single−Tone Load Power (dBm)
−10
0
5
−510
−60
−65
−70
−75
−80
−85
−90
−95
−100
20MHz
5MHz
1MHz
Power at Matched 50
ΩLoad, See Figure 1
10MHz
dBc = dB Below Carriers
MAXIMUM OUTPUT SWING vs LOAD RESISTANCE
Load Resistance (
Ω)
10
100
1k
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−600
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
0
200
400
−200
−400
600
R
L
=10Ω
R
L
=25Ω
R
L
=50
R
L
= 100Ω
1 W In terna l P ow er
S ingle C ha nnel
1 W In ternal P ow er
Single Ch ann el
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Frequency (Hz)
100
100
10
1
100k
1M
10k
1k
10M
Inverting Current N oise
Noninverting Current Noise
Voltage Noise
2.0nV/
√Hz
16pA/
√Hz
24pA/
√ Hz
CHANNEL−TO−CHANNEL CROSSTALK
Frequency (Hz)
1M
10M
100M
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
−110
Input Referred


Similar Part No. - OPA2674I-14DR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674I-14DR BURR-BROWN-OPA2674I-14DR Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14DR TI-OPA2674I-14DR Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674I-14DRG4 TI-OPA2674I-14DRG4 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674I-14DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com