Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2674I-14D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2674I-14D
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2674I-14D Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2674I-14D Datasheet HTML 2Page - Texas Instruments OPA2674I-14D Datasheet HTML 3Page - Texas Instruments OPA2674I-14D Datasheet HTML 4Page - Texas Instruments OPA2674I-14D Datasheet HTML 5Page - Texas Instruments OPA2674I-14D Datasheet HTML 6Page - Texas Instruments OPA2674I-14D Datasheet HTML 7Page - Texas Instruments OPA2674I-14D Datasheet HTML 8Page - Texas Instruments OPA2674I-14D Datasheet HTML 9Page - Texas Instruments OPA2674I-14D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
OPA2674
SBOS270C − AUGUST 2003 − REVISED AUGUST 2008
www.ti.com
6
ELECTRICAL CHARACTERISTICS: VS = +5V(continued)
Boldface limits are tested at +25
°C.
At TA = +25°C, A1 = 1, A0 = 1 (Full Power: for SO-14 only), G = +4, RF = 453Ω, and RL = 100Ω, unless otherwise noted. See Figure 3 for AC
performance only.
TEST
LEVEL
(3)
OPA2674ID, OPA2674I-14D
TEST
LEVEL
(3)
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVEL
(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
0
°C to
+70
°C(2)
+25
°C(1)
+25
°C
TEST CONDITIONS
Power Supply (Single−Supply Mode)
Specified Operating Voltage
+5
V
typ
C
Maximum Operating Voltage
12.6
12.6
12.6
V
max
A
Maximum Quiescent Current
VS = +5V, Both Channels
13.6
14.8
15.2
15.6
mA
max
A
Minimum Quiescent Current
VS = +5V, Both Channels
13.6
12
11.7
11.4
mA
min
A
Power
-Supply Rejection Ratio (PSRR)
f = 100kHz, Input-Referred
52
dB
typ
C
Power Control (SO-14 Only)
Maximum Logic 0
A1, A0, +VS = +5V
1.5
1.0
0.9
0.8
V
max
A
Minimum Logic 1
A1, A0, +VS = +5V
2.4
2.7
3.1
3.3
V
min
A
Logic Input Current
A1 = 0V, A0 = 0V, Each Line
50
80
90
95
µA
max
A
Supply Current at Full Power
A1 = 1, A0 = 1, Both Channels
13.8
14.8
15.2
15.6
mA
max
A
Supply Current at Power Cutback
A1 = 1, A0 = 0, Both Channels
10.2
10.8
11.1
11.4
mA
max
A
Supply Current at Idle Power
A1 = 1, A0 = 1, Both Channels
3.0
3.2
3.5
3.8
mA
max
A
Supply Current at Shutdown
A1 = 0, A0 = 0, Both Channels
0.6
0.9
1.0
1.1
mA
max
A
Output Impedance in Idle Power
G = +4, f = 1MHz
typ
C
Output Impedance in Shutdown
100
 4
k
Ω pF
typ
C
Supply Current Step Time
10% to 90% Change
200
ns
typ
C
Output Switching Glitch
Inputs at GND
±20
mV
typ
C
Shutdown Isolation
G = +4, 1MHz, A1 = 0, A0 = 0
85
dB
typ
C
Thermal Characteristics
Specification: ID, I-14D
−40 to
+85
°C
Thermal Resistance,
qJA
ID
SO
-8
Junction
-to-Ambient
125
°C/W
typ
C
I-14D
SO
-14
100
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +23°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4) Current considered positive out of node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum CMRR at min/max input ranges.


Similar Part No. - OPA2674I-14D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2674I-14D BURR-BROWN-OPA2674I-14D Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14D TI-OPA2674I-14D Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674I-14DG4 TI-OPA2674I-14DG4 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674I-14DR BURR-BROWN-OPA2674I-14DR Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2674I-14DR TI-OPA2674I-14DR Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results

Similar Description - OPA2674I-14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com