Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61E2-156M25 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMK61E2-156M25
Description  High-Performance Ultra-Low Jitter Oscillator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-156M25 Datasheet(HTML) 4 Page - Texas Instruments

  LMK61E2-156M25 Datasheet HTML 1Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 2Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 3Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 4Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 5Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 6Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 7Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 8Page - Texas Instruments LMK61E2-156M25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
LMK61E0-050M, LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
SNAS676B – OCTOBER 2015 – REVISED MARCH 2017
www.ti.com
Product Folder Links: LMK61E0-050M LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-
100M LMK61A2-125M LMK61A2-156M LMK61A2-312M LMK61I2-100M
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Device supply voltage
–0.3
3.6
V
VIN
Output voltage for logic inputs
–0.3
VDD + 0.3
V
VOUT
Output voltage for clock outputs
–0.3
VDD + 0.3
V
TJ
Junction temperature
150
°C
TSTG
Storage temperature
–40
125
°C
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Device supply voltage
3.135
3.3
3.465
V
TA
Ambient temperature
–40
25
85
°C
TJ
Junction temperature
LMK61X2
125
°C
LMK61X0
115
°C
tRAMP
VDD power-up ramp time
0.1
100
ms
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal resistance is calculated on a 4 layer JEDEC board.
(3)
Connected to GND with 3 thermal vias (0.3-mm diameter).
(4)
ψJB (junction to board) is used when the main heat flow is from the junction to the GND pad. Please refer to Thermal Considerations
section for more information on ensuring good system reliability and quality.
6.4 Thermal Information
THERMAL METRIC(1)
LMK61XX (2) (3) (4)
UNIT
SIA (QFM)
6 PINS
Airflow (LFM) 0
Airflow (LFM) 200
Airflow (LFM) 400
RθJA
Junction-to-ambient thermal resistance
55.2
46.4
43.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
34.6
n/a
n/a
°C/W
RθJB
Junction-to-board thermal resistance
37.7
n/a
n/a
°C/W
ψJT
Junction-to-top characterization parameter
11.3
17.6
22.5
°C/W
ψJB
Junction-to-board characterization parameter
37.7
41.5
40.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
°C/W


Similar Part No. - LMK61E2-156M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-156M25 TI1-LMK61E2-156M25 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-156M25SIAR TI1-LMK61E2-156M25SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-156M25SIAR TI1-LMK61E2-156M25SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E2-156M25SIAR TI1-LMK61E2-156M25SIAR Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-156M25SIAT TI1-LMK61E2-156M25SIAT Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2-156M25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com