Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5910-1.825YKAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910-1.825YKAR
Description  300-mA Low-Noise, Low-IQ LDO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910-1.825YKAR Datasheet(HTML) 2 Page - Texas Instruments

  LP5910-1.825YKAR Datasheet HTML 1Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 2Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 3Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 4Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 5Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 6Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 7Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 8Page - Texas Instruments LP5910-1.825YKAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
LP5910
SNVSA91D – SEPTEMBER 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
8
Applications and Implementation ...................... 13
8.1
Application Information............................................ 13
8.2
Typical Application .................................................. 13
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 17
10.1
Layout Guidelines ................................................. 17
10.2
Layout Examples................................................... 17
10.3
DSBGA Mounting.................................................. 17
10.4
DSBGA Light Sensitivity ....................................... 17
11
Device and Documentation Support ................. 18
11.1
Documentation Support ........................................ 18
11.2
Receiving Notification of Documentation Updates 18
11.3
Community Resources.......................................... 18
11.4
Trademarks ........................................................... 18
11.5
Electrostatic Discharge Caution ............................ 18
11.6
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (June 2016) to Revision D
Page
Changed wording of data sheet title and list of Applications ................................................................................................. 1
Changed "Very Low Noise Without a Noise Bypass Capacitor: 12 µVRMS Typical" to "Low Output-Voltage Noise: 12
µVRMS"..................................................................................................................................................................................... 1
Changed wording of first sentence of Description ................................................................................................................. 1
Changes from Revision B (October 2015) to Revision C
Page
Changed "linear regulator" to "LDO" on page 1 .................................................................................................................... 1
Changes from Revision A (October 2015) to Revision B
Page
Changed "... = 2.3 V" to "...
≤ 2.3 V" in Dropout Voltage rows; added DSBGA only; also added new rows in Dropout
Voltage for WSON package. .................................................................................................................................................. 5
Changes from Original (September 2015) to Revision A
Page
Changed device data sheet from product preview to production data status; added icon for reference design to top
navigators .............................................................................................................................................................................. 1


Similar Part No. - LP5910-1.825YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910-1.825YKAR TI1-LP5910-1.825YKAR Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910-1.825YKAR TI1-LP5910-1.825YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.825YKAR TI1-LP5910-1.825YKAR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.825YKAR TI-LP5910-1.825YKAR Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5910-1.825YKAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V14 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
MAY 2022
TPS7A20 TI-TPS7A20_V05 Datasheet
910Kb / 31P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com