Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981-28DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981-28DBVR
Description  100-mA Ultra-Low Dropout Regulators With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981-28DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2981-28DBVR Datasheet HTML 6Page - Texas Instruments LP2981-28DBVR Datasheet HTML 7Page - Texas Instruments LP2981-28DBVR Datasheet HTML 8Page - Texas Instruments LP2981-28DBVR Datasheet HTML 9Page - Texas Instruments LP2981-28DBVR Datasheet HTML 10Page - Texas Instruments LP2981-28DBVR Datasheet HTML 11Page - Texas Instruments LP2981-28DBVR Datasheet HTML 12Page - Texas Instruments LP2981-28DBVR Datasheet HTML 13Page - Texas Instruments LP2981-28DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VOUT
3.3 …F
(see Note A)
1 …F
(see Note A)
VIN
1
ON/OFF
(see Note B)
2
GND
3
5
4
NC
(see Note C)
LP2981
Copyright © 2016, Texas Instruments Incorporated
10
LP2981-28, LP2981-29, LP2981-30
LP2981-33, LP2981-50, LP2981A-28
LP2981A-29, LP2981A-30, LP2981A-33, LP2981A-50
SLVS521G – JULY 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LP2981-28 LP2981-29 LP2981-30 LP2981-33 LP2981-50 LP2981A-28 LP2981A-29 LP2981A-
30 LP2981A-33 LP2981A-50
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP2981 is a linear voltage regulator operating from 2.1 V to 16 V on the input and regulates voltages
between 2.5 V to 5 V with 0.75% accuracy and 100-mA maximum output current. Efficiency is defined by the
ratio of output voltage to input voltage because the LP2981 is a linear voltage regulator. To achieve high
efficiency, the dropout voltage (VIN – VOUT) must be as small as possible, thus requiring a very-low-dropout LDO.
Successfully implementing an LDO in an application depends on the application requirements. If the
requirements are simply input voltage and output voltage, compliance specifications (such as internal power
dissipation or stability) must be verified to ensure a solid design. If timing, start-up, noise, power supply rejection
ratio (PSRR), or any other transient specification is required, then the design becomes more challenging.
8.2 Typical Application
A.
Minimum COUT value for stability (can be increased without limit for improved stability and transient response)
B.
ON/OFF must be actively terminated. Connect to VIN if shutdown feature is not used.
C.
Pin 4 (NC) must be left open. Do not connect anything to this pin.
Figure 4. LP2981 Typical Application
8.2.1 Design Requirements
Table 1 lists the parameters for this application.
Table 1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
5 V ±10%, provided by an external regulator
Output voltage
3.3 V ±5%
Output current
100 mA (maximum), 1 mA (minimum)
RMS noise, 300 Hz to 50kHz
< 1 mVRMS
PSRR at 1kHz
> 40 dB


Similar Part No. - LP2981-28DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981-28DBVR TI-LP2981-28DBVR Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI-LP2981-28DBVR Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI-LP2981-28DBVR Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI1-LP2981-28DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-28DBVR TI1-LP2981-28DBVR Datasheet
787Kb / 17P
[Old version datasheet]   ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981-28DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981_08 Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com